Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC865628 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC865628
Description  8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865628 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC865628 Datasheet HTML 7Page - Sanyo Semicon Device LC865628 Datasheet HTML 8Page - Sanyo Semicon Device LC865628 Datasheet HTML 9Page - Sanyo Semicon Device LC865628 Datasheet HTML 10Page - Sanyo Semicon Device LC865628 Datasheet HTML 11Page - Sanyo Semicon Device LC865628 Datasheet HTML 12Page - Sanyo Semicon Device LC865628 Datasheet HTML 13Page - Sanyo Semicon Device LC865628 Datasheet HTML 14Page - Sanyo Semicon Device LC865628 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LC86E5632
No.6744-11/21
2. Recommended Operating Range at Ta=+10
°C to +40°C, VSS=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
Operating
Supply voltage
VDD(1)
VDD
0.98
µs ≤ tCYC
tCYC
≤ 400µs
4.5
6.0
Hold voltage
VHD
VDD
RAMs and the
registers hold voltage
at HOLD mode.
2.0
6.0
VIH(1)
Port 0
(Schmitt)
Output disable
4.5 to 6.0
0.4VDD
+0.9
VDD
VIH(2)
•Ports 1,2
•Ports 72,73
(Schmitt)
Output disable
4.5 to 6.0
0.75VDD
VDD
VIH(3)
•Port 70
(Port input/interrupt)
•Port 71
• RES
(Schmitt)
Output N-channel
Tr. OFF
4.5 to 6.0
0.75VDD
VDD
VIH(4)
Port 70
(Watchdog timer)
Output N-channel
Tr. OFF
4.5 to 6.0
0.9VDD
VDD
VIH(5)
•Port 74
•Port 8
Output N-channel
Tr. OFF
4.5 to 6.0
0.75VDD
VDD
Input high
voltage
VIH(6)
Ports 3,4,5 of
CMOS output (Schmitt)
Output disable
4.5 to 6.0
0.75VDD
VDD
VIH(7)
Ports 3,4,5 of open drain
output
(Schmitt)
Output disable
4.5 to 6.0
0.75VDD
13.5
VIL(1)
Port 0
(Schmitt)
Output disable
4.5 to 6.0
VSS
0.2VDD
VIL(2)
•Ports 1,2,3,4,5
•Ports 72,73
(Schmitt)
Output disable
4.5 to 6.0
VSS
0.25VDD
VIL(3)
•Port 70
(Port input/interrupt)
•Port 71
• RES
(Schmitt)
N-channel Tr.OFF
4.5 to 6.0
VSS
0.25VDD
VIL(4)
Port 70
(Watchdog timer)
N-channel Tr.OFF
4.5 to 6.0
VSS
0.8VDD
-1.0
Input low
voltage
VIL(5)
•Port 74
•Port 8
N-channel Tr.OFF
4.5 to 6.0
VSS
0.25VDD
V
Operation
cycle time
tCYC
4.5 to 6.0
0.98
400
µs
FmCF(1)
CF1, CF2
•6MHz
(ceramic resonator
oscillation)
•Refer to figure 1
4.5 to 6.0
6
FmCF(2)
CF1, CF2
•1.5MHz
(ceramic resonator
oscillation)
•Refer to figure 1
4.5 to 6.0
1.5
FmRC
RC oscillation
4.5 to 6.0
0.3
0.8
3.0
MHz
Oscillation
frequency
range
(Note 1)
FsXtal
XT1, XT2
•32.768kHz
(crystal oscillation)
•Refer to figure 2
4.5 to 6.0
32.768
kHz
Continue.


Similar Part No. - LC865628

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC865628 SANYO-LC865628 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC865628A SANYO-LC865628A Datasheet
643Kb / 20P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC865628

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com