Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC865504 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC865504
Description  8-Bit Single Chip Microcontroller????
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865504 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC865504 Datasheet HTML 4Page - Sanyo Semicon Device LC865504 Datasheet HTML 5Page - Sanyo Semicon Device LC865504 Datasheet HTML 6Page - Sanyo Semicon Device LC865504 Datasheet HTML 7Page - Sanyo Semicon Device LC865504 Datasheet HTML 8Page - Sanyo Semicon Device LC865504 Datasheet HTML 9Page - Sanyo Semicon Device LC865504 Datasheet HTML 10Page - Sanyo Semicon Device LC865504 Datasheet HTML 11Page - Sanyo Semicon Device LC865504 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LC86E5420
No.6805-8/21
Pin Description
Pin name I / O
Function description
Option
PROM mode
VSS
Power pin (--)
VDD
Power pin (+)
PORT0
I / O •8-bit input / output port
•Pull-up resistor :
P00 to P07
Input / output in nibble units
Provided / Not provided
•Input for port 0 interrupt
(specify every 4-bit)
•Input for HOLD release
•Output form :
•15V withstand at N-channel open drain
CMOS / N-channel open drain
output
(specify in bit)
PORT1
I / O •8-bit input / output port
•Output form :
Data line
P10 to P17
Input / output can be specified in bit unit.
CMOS / N-channel open drain. D0 to D7
•Other pin functions
(specify in bit)
P10 SIO0 data output
P11 SIO0 data input / bus input / output
P12 SIO0 clock input / output
P13 SIO1 data output
P14 SIO1 data input / bus input / output
P15 SIO1 clock input / output
P16 Buzzer output
P17 Timer1 (PWM0) output
PORT3
I / O •7-bit input / output port
•Pull-up resistor :
P30 to P36
Input / output in bit unit.
Provided / Not provided
•15V withstand at N-channel open drain
•Output form :
output
CMOS / N-channel open drain
PORT7
•4-bit input / output port
Input / output in bit unit.
•2-bit input port
•Other pin functions.
P70 to P73 I / O P70 : INT0 input / HOLD release input /
EPROM control signals
N-channel Tr. output for watchdog timer
•DASEC (*1)
P74, P75
I
P71 : INT1 input / HOLD release input
•OE (*2)
P72 : INT2 input / timer 0 event input
•CE (*3)
P73 : INT3 input with noise filter / timer 0
event input
P74 : Input pin XT1 for 32.768kHz crystal
oscillation
P75 : Output pin XT2 for 32.768kHz crystal
oscillation
•Interrupt received form, vector address
Rising
High
Low
Rising Falling
&
Vector
Falling
level
level
INT0 enable enable disable enable enable
03H
INT1 enable enable disable enable enable 0BH
INT2 enable enable enable disable disable 13H
INT3 enable enable enable disable disable 1BH


Similar Part No. - LC865504

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC865504 SANYO-LC865504 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC865504B SANYO-LC865504B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865504B SANYO-LC865504B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
More results

Similar Description - LC865504

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com