Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC865620 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC865620
Description  8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865620 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC865620 Datasheet HTML 1Page - Sanyo Semicon Device LC865620 Datasheet HTML 2Page - Sanyo Semicon Device LC865620 Datasheet HTML 3Page - Sanyo Semicon Device LC865620 Datasheet HTML 4Page - Sanyo Semicon Device LC865620 Datasheet HTML 5Page - Sanyo Semicon Device LC865620 Datasheet HTML 6Page - Sanyo Semicon Device LC865620 Datasheet HTML 7Page - Sanyo Semicon Device LC865620 Datasheet HTML 8Page - Sanyo Semicon Device LC865620 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LC86E5632
No.6744-4/21
(3) ROM space
How to use
(1) Specification of option
Programming data for EPROM of the LC86E5632 is required.
Debugged evaluation file (EVA file) must be converted to an INTEL-HEX formatted file (HEX file) with file converter
program, EVA2HEX.EXE.
The HEX file is used as the programming data for the LC86P5632.
(2) How to program for the EPROM
LC86E5632 can be programmed by the EPROM programmer with attachment ; W86EP5032D,
W86EP5032Q.
• Recommended EPROM programmer
Productor
EPROM programmer
Advantest
R4945, R4944, R4943
Andou
AF-9704
AVAL
PKW-1100, PKW-3000
Minato electronics
MODEL 1890A
• “27512 (Vpp=12.5V) Intel high speed programming” mode available.
The address must be set to
“0000H to 7FFFH” and a jumper (DASEC) must be set to ‘OFF’ at programming.
(3) How to use the data security function
“Data security” is the disabled function to read the data of the EPROM.
The following is the process in order to execute the data security.
1. Set ‘ON’ the jumper of attachment.
2. Program again. Then EPROM programmer displays the error.
The error means normally activity of the data
security. It is not a trouble of the EPROM programmer or the LSI.
Notes
• Data security is not executed when the data of all address have ‘FF’ at the sequence 2 above.
• The programming by a sequential operation “BLANK
⇒PROGRAM⇒VERIFY” cannot be executed data security at the
sequence 2 above.
• Set to ‘OFF’ the jumper after executing the data security.
Opt ion data
Area 256 bytes
Opt ion
Data Area
Program area
32K bytes
7FFFH
7F00H
7EFFH
6FFFH
5FFFH
4FFFH
3FFFH
2FFFH
1FFFH
0000H
Program area
28K bytes
Opt ion
Data Area
Program area
24K bytes
Opt ion
Data Area
Program area
20K bytes
Opt ion
Data Area
Program area
16K bytes
Opt ion
Data Area
Program area
12K bytes
Opt ion
Data Area
Program area
8K bytes
LC865632
LC865628
LC865624
LC865620
LC865616
LC865612
LC865608


Similar Part No. - LC865620

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC865620 SANYO-LC865620 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC865620A SANYO-LC865620A Datasheet
643Kb / 20P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC865620

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com