Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-30403 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-30403
Description  Self-Shielded Audio Transformers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-30403 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-30403 Datasheet HTML 1Page - Rhombus Industries Inc. T-30403 Datasheet HTML 2Page - Rhombus Industries Inc. T-30403 Datasheet HTML 3Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
15
EP - 10/98
Electrical Specifications at 25OC
T-30400
600 / 600
0.0
0.7
0.50
18
31
39
Sec.
DCR max.
(
Ω )
Pri.
DCR max.
(
Ω )
UNBAL.
DC
(mA)
Insertion
Loss
(dB) (1)
Frequency
Response
(dB)
Return
Loss
(dB) (2)
Thru-hole
EP7 Style
Part Number
Impedance
(Ohms)
Electrical Specifications at 25OC
T-30402
600 / 600
0.0
1.0
0.25
26
36
47
T-30403
900 / 900
0.0
1.0
0.25
26
44
58
Sec.
DCR max.
(
Ω )
Pri.
DCR max.
(
Ω )
UNBAL.
DC
(mA)
Insertion
Loss
(dB) (1)
Frequency
Response
(dB)
Return
Loss
(dB) (2)
Thru-hole
EP13 Style
Part Number
Impedance
(Ohms)
Electrical Specifications at 25OC
T-30401
600 / 600
0.0
0.9
0.50
21
34
43
Sec.
DCR max.
(
Ω )
Pri.
DCR max.
(
Ω )
UNBAL.
DC
(mA)
Insertion
Loss
(dB) (1)
Frequency
Response
(dB)
Return
Loss
(dB) (2)
Thru-hole
EP10 Style
Part Number
Impedance
(Ohms)
Self-Shielded
Audio Transformers
Using EP Geometry cores,
these transformers provide
excellent shielding.
Isolation is 1500 Vrms minimum
Longitudinal Balance is 60dB min.
Frequency range: 300Hz to 3400Hz
Pin Diameter is 0.025 (0.64)
.100
(2.54)
TYP.
.210
(5.33)
TYP.
.460
(11.68)
MAX.
.480
(12.19)
MAX.
.450
(11.43)
MAX.
.300
(7.62)
TYP.
1
23
4
87
6
Bottom
View
5
Pin Diameter is 0.025 (0.64)
.100
(2.54)
TYP.
.210
(5.33)
TYP.
.525
(13.34)
MAX.
.550
(13.97)
MAX.
.536
(13.61)
MAX.
.400
(10.16)
TYP.
1
2
3
45
10
9
8
76
Bottom
View
EP13 Style
Thru-hole
EP10 Style
Thru-hole
EP7 Style
Thru-hole
Dimensions in Inches (mm)
2
4
7
9
1. Insertion Loss measured at 1 kHz.
2. Return Loss measured at 300 Hz.
.394
(10.00)
MAX.
.375
(9.53)
MAX.
.110
(2.79)
MIN.
.080
(2.03)
.039
(0.99)
.098
(2.49)
.024
(0.61)
.465
(11.81)
MAX.
Bottom
View
12
3
65
4
PRI
SEC.
T-30402 & 30403
Schematic
T-30400
Schematic
1
3
4
6
PRI
SEC.
1
4
5
8
PRI
SEC.
T-30401
Schematic


Similar Part No. - T-30403

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-30403 RHOMBUS-IND-T-30403 Datasheet
74Kb / 3P
   Self-Shielded Audio Transformers
T-30403G RHOMBUS-IND-T-30403G Datasheet
74Kb / 3P
   Self-Shielded Audio Transformers
More results

Similar Description - T-30403

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-30400 RHOMBUS-IND-T-30400 Datasheet
74Kb / 3P
   Self-Shielded Audio Transformers
logo
XFMRS Inc.
XF2256AT XFMRS-XF2256AT Datasheet
624Kb / 2P
   AUDIO Transformers Digital Audio Transformers
logo
HALO Electronics, Inc.
TG10-DA1NSLF HALO-TG10-DA1NSLF Datasheet
525Kb / 2P
   Single and Dual Channel Shielded Transformers for Digital Audio
logo
XFMRS Inc.
XF0033AT-5S2 XFMRS-XF0033AT-5S2 Datasheet
50Kb / 1P
   DIGITAL AUDIO TRANSFORMERS
logo
Rhombus Industries Inc.
T-35000 RHOMBUS-IND-T-35000 Datasheet
25Kb / 1P
   Mini Audio Transformers
logo
Analog Devices
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
SSM2017 AD-SSM2017 Datasheet
243Kb / 8P
   Self-Contained Audio Preamplifier
REV. C
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRNZRL AD-SSM2019BRNZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com