Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-14724 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # L-14724
Description  POWER INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-14724 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  L-14724 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transformers & Magnetic Products
Industries Inc.
Rhombus
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone: (714) 898-0960 z FAX: (714) 896-0971
SML-SD - 10/02
Specifications are subject to change without notice
POWER INDUCTORS
7
SENDUST MATERIAL ( Al & Si & Fe )
Core
Core
Core
Loss
Loss
Loss
@50kHz
@100kHz
@300kHz
5657
16000
83138
Core Loss in mW/cm3 @4000 Gauss
Core Loss Data is provided for
comparison with other listed inductor
materials and is for reference only.
Size
Typical Dimensions in Inches
Code
A
B
C
D
F
1
0.600
0.340
0.580
0.290
0.220
2
0.650
0.450
0.650
0.325
0.300
3
0.950
0.600
0.948
0.475
0.450
4
1.250
0.700
1.250
0.625
0.500
Clip Mount Package Size Chart (1)
Although higher in core loss than MPP material, Sendust has approxi-
mately 50% more energy storage capacity. Sendust has approximately 2/3
the flux density of High Flux material, but has a much lower core loss.
Sendust is an ideal tradeoff between storage capacity, core loss and cost.
L (2)
IDC (3)
IDC (4)
Lead
I (5)
DCR
Size
Part (1)
typ.
20%
50%
Size
max.
nom.
Code
Number
(
µH)
Amps
Amps
AWG
Amps
(m
Ω)
L-14700
39.5
2.20
4.94
28
1.38
183
1
L-14701
23.4
2.85
6.42
26
1.97
89
1
L-14702 (K)
12.6
3.89
8.76
24
2.81
41
1
L-14703
68.0
2.07
4.66
28
1.38
255
2
L-14704
40.4
2.68
6.04
26
1.97
124
2
L-14705 (K)
23.1
3.55
7.98
24
2.81
59
2
L-14706
199.1
2.28
5.13
26
1.97
351
3
L-14707
119.5
2.95
6.63
24
2.81
170
3
L-14708 (K)
69.7
3.86
8.68
22
4.00
82
3
L-14709 (K)
40.4
5.06
11.39
20
5.70
39
3
L-14710 (K)
31.0
5.79
13.02
19
6.81
27
3
L-14711
585.2
2.38
5.35
26
1.97
598
4
L-14712
352.8
3.06
6.89
24
2.81
290
4
L-14713 (K) 210.7
3.96
8.92
22
4.00
142
4
L-14714 (K) 123.2
5.18
11.66
20
5.70
68
4
L-14715 (K)
93.6
5.94
13.38
19
6.81
47
4
L-14716
609.7
2.76
6.21
24
2.81
469
5
L-14717
377.8
3.51
7.89
22
4.00
232
5
L-14718
232.1
4.47
10.06
20
5.70
114
5
L-14719
179.5
5.09
11.45
19
6.81
80
5
L-14720
133.6
5.90
13.27
18
8.11
55
5
L-14721
395.1
3.40
7.66
22
4.00
277
6
L-14722
236.6
4.40
9.89
20
5.70
134
6
L-14723
188.4
4.93
11.09
19
6.81
95
6
L-14724
145.7
5.60
12.61
18
8.11
66
6
L-14725
108.4
6.50
14.62
17
9.70
45
6
L-14726
741.3
4.75
10.68
20
5.70
207
7
L-14727
567.6
5.43
12.21
19
6.81
144
7
L-14728
448.4
6.10
13.74
18
8.11
102
7
L-14729
343.3
6.98
15.70
17
9.70
70
7
L-14730
264.4
7.95
17.89
16
11.60
49
7
L-14731
598.0
4.66
10.48
19
6.81
196
8
L-14732
468.4
5.26
11.84
18
8.11
137
8
L-14733
365.3
5.96
13.41
17
9.70
96
8
L-14734
284.4
6.75
15.20
16
11.60
67
8
L-14735
221.9
7.65
17.20
15
13.80
47
8
L-14736
604.0
5.17
11.64
18
8.11
172
9
L-14737
462.5
5.91
13.30
17
9.70
119
9
L-14738
371.4
6.60
14.84
16
11.60
85
9
L-14739
280.8
7.59
17.07
15
13.80
58
9
L-14740
219.1
8.59
19.32
14
16.60
41
9
Single Layer Wound
Leads are Pre-Tinned
Custom Versions Available
Vertical Base Mounting Available
Shrink Tubing Optional
Varnish Finish Optional
Semi-Encapsulated Versions
or Clip Mount Package Style
Available for some models
For Bare Coil Dimensions
Refer to Drawing and
Dimensions from Page 6
C
D
B
F
0.130"
A
Clip Mount Package (1)
1) Selected Parts available in Clip Mount Style. Example: L-14702K
2) Typical Inductance with no DC. Tolerance of +10%.
See Specific data sheets for test conditions.
3) Current which will produce a 20% reduction in L
4) Current which will produce a 50% reduction in L
5) Maximum DC current. This value is for a 40OC temperature rise
due to copper loss, with AC flux density kept to 10 Gauss or less.
(This typically represents a current ripple of less than 1%)
Well Suited for Switch Mode Power
Supplies and Regulator Applications.


Similar Part No. - L-14724

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-14725 RHOMBUS-IND-L-14725 Datasheet
37Kb / 1P
   POWER INDUCTORS
More results

Similar Description - L-14724

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com