Part Name
         Description
LC86F1216A

 8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip  ( 21 Page)


SANYO
100% 
Zoom Out Zoom In
 6 page
background image







; 
;0 
#12+
212

  < /  

"5$(5$"
"5$=$"5$
=
> ?/ @ //
<<
$5A5+5%
$5A5+5+
=
>;  ?/ @ //
6<
A$
$"
=
>;  ?/ @ //8/ @ //1 6<0?:
=
$%=A+
$+=$
=
>; @ //1 6<0?
;!$
+=$+
+=$+
7B
>%2 7B/  
8 / 1  C@ ./=/  C;$=;$":
>7B/ 21 .2 0?0
>9 01  @ ./ 
>D / / 
>%2 7B/  
8 / 1  CC;5;"

.=<C;5;5;+5;$5;A5;:
8/=/  C ;=;":
>7B/ 21 .2 0?0
> .1   


;
9
;
7
;+
 
;$
9
;A
7
;
 
;
E   / 
;!
$$=$
A=AA


$$=$
$%=A+
7B
;"
  / 8;F  / :
;!"
+=+A
+=+A
7
>A2 / /   8/=/  C;"=;"$:
>&'  / 1  
>7/  
=$$
+=$
A=A%
=$
+=A


 !"
=A%
=
"="A
"=
=$

>6<   
   /   
9;D
+
+

>&' 2 0   /  

%
%
7
>7/  1   
+
(
(

> /  1   
)


7
>7/  1 $+"% )* 
)+



> /  1 $+"% )* 
!7
%
%
7
>7/  1 !   
  !2 @!70!9502 @
!70
!9
"
"

> /  1 !   
  !2 @!90!7
!&
$
$
7
>!   
&


=
>     6? / 
&+
+
+
=
>     6? / 

 /%
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LC868364A8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip 1 2 3 4 5 MoreSanyo Semicon Device
LC875032A8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip 1 2 3 4 5 MoreSanyo Semicon Device
LC877264A8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip 1 2 3 4 5 MoreSanyo Semicon Device
LC8772C8B8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip  1 2 3 4 5 MoreSanyo Semicon Device
LC87F66C8A8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip  1 2 3 4 5 MoreSanyo Semicon Device
LC865520B8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM 1 2 3 4 5 MoreSanyo Semicon Device
LC865520B8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM 1 2 3 4 5 MoreSanyo Semicon Device
LC875164A8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip 1 2 3 4 5 MoreSanyo Semicon Device
LC8680168-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip 1 2 3 4 5 MoreSanyo Semicon Device
LC876572A8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl