Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS299 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS299
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS299 Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS299_06 Datasheet HTML 1Page - Vectron International, Inc TFS299_06 Datasheet HTML 2Page - Vectron International, Inc TFS299_06 Datasheet HTML 3Page - Vectron International, Inc TFS299_06 Datasheet HTML 4Page - Vectron International, Inc TFS299_06 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 299.doc
Version 1.9
13.10.2006
VI TELEFILTER
Filter specification
TFS 299
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Filter characteristic
294.4
295.3
296.2
297.1
298
298.9
299.8
300.7
301.6
302.5
303.4
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
298.4
298.5
298.6
298.7
298.8
298.9
299
299.1
299.2
299.3
299.4
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
Construction and pin connection
(All dimensions in mm)
9,3 Max.
5,08
0,8
0,1
0,9
R0,
3
Date code
13
Date code:
Year + week
U
2006
V
2007
W
2008
...
1
Output
2
Ground
3
Ground
4
Ground
5
Ground
6
Input
7
Ground
8
Ground
9
Ground
10
Ground
TFS 299
U41
50 Ω Test circuit
C1
L1
SAW
L2
C2
2, 3, 4, 5, 7, 8, 9, 10
1
6
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS299_06

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS299 VECTRON-TFS299 Datasheet
175Kb / 5P
   Filter specification
More results

Similar Description - TFS299_06

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com