Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC866524 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC866524
Description  8-Bit Single Chip Microcontroller with the UVEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866524 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC866524 Datasheet HTML 1Page - Sanyo Semicon Device LC866524 Datasheet HTML 2Page - Sanyo Semicon Device LC866524 Datasheet HTML 3Page - Sanyo Semicon Device LC866524 Datasheet HTML 4Page - Sanyo Semicon Device LC866524 Datasheet HTML 5Page - Sanyo Semicon Device LC866524 Datasheet HTML 6Page - Sanyo Semicon Device LC866524 Datasheet HTML 7Page - Sanyo Semicon Device LC866524 Datasheet HTML 8Page - Sanyo Semicon Device LC866524 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LC86E6548
No.6747-2/21
(4) Operating supply voltage
: 4.5V to 6.0V
(5) Instruction cycle time
: 1.0
µs to 366µs
(6) Operating temperature
: +10
°C to +40°C
(7) The pin compatible with the LC866500 series mask ROM devices
(8) Applicable mask ROM version : LC866548/LC866540//LC866532/LC866528/LC866524
(9) Factory shipment
: QFC100S(with window)
Notice for use
LC86E6548 is provided for the first release and small shipping of the LC866500 series.
At using, take notice of the followings.
(1) A point of difference LC86E6548 and LC866500 series
Item
LC86E6548
LC866548/40/32/28/24
Operation after reset
releasing
The option is specified until 3ms after
going to a ‘H’ level to the reset terminal
by dgrees.
The program is executed
from 00H of the program counter.
The program is executed from 00H of the
program counter immediately after going to a
‘H’ level to reset terminal.
Pull-down resistor of
the following pins
•S0/T0 – S6/T6
•S7/T7 – S15/T15
•S16 – S31
•S32 – S47
•S48 – S51
Pull-down resistor
provided/not provided
Not provided
Provided (fixed)
Provided (fixed)
Not provided
Not provided
Pull-down resistor
provided/not provided
Specified by the option
Provided (fixed)
Specified by the option
Specified by the option
Not provided
Operating temperature
rang (Topg)
+10
°C to +40°C
-30
°C to +70°C
Power dissipation
Refer to ‘electrical characteristics’ on the semiconductor news.
LC86E6548 uses 256 bytes that is addressed on FF00H to FFFFH in the program memory as the option configuration data
area.
This option configuration cannot execute all options which LC866500 series have.
Next tables show the options
that correspond and not correspond to LC86E6548.
• A kind of the option corresponding of the LC86E6548
A kind of option
Pins, Circuits
Contents of the option
1. N-channel open drain output
2. CMOS output
*1
Port 0
1. Pull-up MOS Tr. proveded
2. Pull-up MOS Tr. not provided
*2
Port 1
*1
1. Input
: Programmable pull-up MOS Tr.
Output : N-channel open drain
2. Input
: Programmable pull-up MOS Tr.
Output : CMOS
Input/output form of
Input/output ports
Port 3
*1
1. Input
: No Programmable pull-up MOS Tr.
Output : N-channel open drain
2. Input
: Programmable pull-up MOS Tr.
Output : CMOS
*1) Specified in a bit
*2) Specified in nibble unit. The port of N-channel open drain output does not have the Pull-up MOS Tr..


Similar Part No. - LC866524

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC866524 SANYO-LC866524 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC866524A SANYO-LC866524A Datasheet
641Kb / 21P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC866524

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86E7248 SANYO-LC86E7248 Datasheet
622Kb / 19P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com