Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXRE060A Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZXRE060A
Description  0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE060A Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZXRE060A Datasheet HTML 4Page - Diodes Incorporated ZXRE060A Datasheet HTML 5Page - Diodes Incorporated ZXRE060A Datasheet HTML 6Page - Diodes Incorporated ZXRE060A Datasheet HTML 7Page - Diodes Incorporated ZXRE060A Datasheet HTML 8Page - Diodes Incorporated ZXRE060A Datasheet HTML 9Page - Diodes Incorporated ZXRE060A Datasheet HTML 10Page - Diodes Incorporated ZXRE060A Datasheet HTML 11Page - Diodes Incorporated ZXRE060A Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ZXRE060
0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE060
Document number: DS33611 Rev. 6 - 2
8 of 12
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (Continued)
Figure 7. 1V Current-boosted shunt regulator
⎛ +
=
2
R
1
R
1
REF
V
OUT
V
(
BE
V
V
2
.
0
OUT
V
+
)
3
R
I
OUT
V
IN
V
3
R
=
Design guides
1.
Determine IOUT and choose a suitable transistor taking power dissipation into consideration.
2.
Determine IB from
)
1
(min)
FE
h
(
(max)
OUT
I
B
I
+
=
3.
Determine IR3 from
(max)
OUT
I
3
R
I
=
4.
Determine R3 from
3
R
I
OUT
V
IN
V
3
R
=
5.
It is best to let the ZXRE060 supply as much current as it can before bringing Q1 into conduction. Not
only does this minimise the strain on Q1, it also guarantees the most stable operation. Choose a nominal
value between 10mA and <15mA for this current, IR4.
6.
Calculate R4 from
4
R
I
BE
V
4
R
=
Figure 8. 1.15V over-voltage indicator
VOUT goes low and LED is lit when monitored supply
⎛ +
>
2
R
1
R
1
REF
V
M
V
3
R
I
)
2
.
0
F
V
(
IN
V
3
R
+
=
)
MAX
(
F
I
3
R
I
mA
15
VF and IF are forward voltage drop and current of LED1.


Similar Part No. - ZXRE060A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE060AET5TA DIODES-ZXRE060AET5TA Datasheet
396Kb / 10P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE060AET5TA DIODES-ZXRE060AET5TA Datasheet
267Kb / 2P
   Space saving packaging for ZXRE060 0.6V shunt regulator
ZXRE060AFT4-7 DIODES-ZXRE060AFT4-7 Datasheet
267Kb / 2P
   Space saving packaging for ZXRE060 0.6V shunt regulator
ZXRE060AH5TA DIODES-ZXRE060AH5TA Datasheet
396Kb / 10P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE060AH5TA DIODES-ZXRE060AH5TA Datasheet
267Kb / 2P
   Space saving packaging for ZXRE060 0.6V shunt regulator
More results

Similar Description - ZXRE060A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE060 DIODES-ZXRE060 Datasheet
396Kb / 10P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRD060 DIODES-ZXRD060 Datasheet
823Kb / 12P
   0.6V DUAL ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE160 DIODES-ZXRE160 Datasheet
426Kb / 15P
   0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com