Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS336 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS336
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS336 Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS336_05 Datasheet HTML 1Page - Vectron International, Inc TFS336_05 Datasheet HTML 2Page - Vectron International, Inc TFS336_05 Datasheet HTML 3Page - Vectron International, Inc TFS336_05 Datasheet HTML 4Page - Vectron International, Inc TFS336_05 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Tfs336.doc
version 2.2
26.07.2005
VI TELEFILTER
Filter Specification
TFS 336
2/5
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Construction, pin configuration and 50
Ω - matching network
(All dimensions in mm)
50 Ohm Test circuit 1
50 Ohm Test circuit 2
Datecode:
Year+week
L
1999
M
2000
N
2001
...
Pin 2:
Input
Pin 7:
Output
Pin 1,3,4,5,
Ground
6,8,9,10
TFS336
M50
123
4
5
6
7
8
9
10
DateCode
7
2
1, 3, 4, 5, 6, 8, 9, 10
50 Ohm
50 Ohm
SAW
L1
C1
L2
C2
7
2
1, 3, 4, 5, 6, 8, 9, 10
50 Ohm
50 Ohm
SAW
C1
L1
C2
L2


Similar Part No. - TFS336_05

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS336D VECTRON-TFS336D Datasheet
195Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS336_05

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com