Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH3448 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # CPH3448
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3448 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  CPH3448 Datasheet HTML 1Page - Sanyo Semicon Device CPH3448 Datasheet HTML 2Page - Sanyo Semicon Device CPH3448 Datasheet HTML 3Page - Sanyo Semicon Device CPH3448 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPH3448
No. A1648-1/4
Features
1.8V drive
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
30
V
Gate-to-Source Voltage
VGSS
±12
V
Drain Current (DC)
ID
4A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
16
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (900mm2×0.8mm)
1.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7015A-004
Ordering number : ENA1648
90110PE TK IM TC-00002462
SANYO Semiconductors
DATA SHEET
CPH3448
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
1 : Gate
2 : Source
3 : Drain
SANYO : CPH3
2.9
0.05
0.4
0.15
2
1
3
0.95
Product & Package Information
• Package
: CPH3
• JEITA, JEDEC
: SC-96, SC-95, SOT346, SOT457
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
1
2
3
TL


Similar Part No. - CPH3448

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH3448 ONSEMI-CPH3448 Datasheet
709Kb / 5P
   Single N-Channel Power MOSFET
July, 2014
logo
Sanyo Semicon Device
CPH3448-TL-H SANYO-CPH3448-TL-H Datasheet
548Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
CPH3448-TL-H ONSEMI-CPH3448-TL-H Datasheet
709Kb / 5P
   Single N-Channel Power MOSFET
July, 2014
CPH3448-TL-W ONSEMI-CPH3448-TL-W Datasheet
709Kb / 5P
   Single N-Channel Power MOSFET
July, 2014
logo
Sanyo Semicon Device
CPH3448 SANYO-CPH3448_12 Datasheet
548Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - CPH3448

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com