Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC865516 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC865516
Description  8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865516 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC865516 Datasheet HTML 6Page - Sanyo Semicon Device LC865516 Datasheet HTML 7Page - Sanyo Semicon Device LC865516 Datasheet HTML 8Page - Sanyo Semicon Device LC865516 Datasheet HTML 9Page - Sanyo Semicon Device LC865516 Datasheet HTML 10Page - Sanyo Semicon Device LC865516 Datasheet HTML 11Page - Sanyo Semicon Device LC865516 Datasheet HTML 12Page - Sanyo Semicon Device LC865516 Datasheet HTML 13Page - Sanyo Semicon Device LC865516 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LC86P5420
No.6730-10/22
1. Absolute Maximum Ratings at VSS= 0V and Ta=25°C
Parameter
Symbol
Pins
Conditions
Ratings
VDD [V]
min.
typ.
max.
unit
Supply voltage
VDDMAX VDD
VDD
-0.3
+7.0
V
Input voltage
VI(1)
•Ports 74, 75
-0.3
VDD+0.3
•Ports 80, 81, 82, 83
•RES
Input / output
VIO(1)
•Port 1
-0.3
VDD+0.3
voltage
•Ports 70, 71, 72, 73
•Ports 84, 85, 86, 87
•Ports 0,3 at CMOS
output option
VIO(2)
Ports 0, 3 at N-ch
-0.3
15
open drain output
option
High
Peak
IOPH
•Ports 0, 1, 3
CMOS output
-10
mA
Level
output
•Ports 71, 72, 73
At each pins
output current
•Ports 84, 85, 86, 87
current Total
∑IOAH(1) Ports 0, 1
The total all
-30
output
pins
current
∑IOAH(2) Port 3
The total all
-15
pins
∑IOAH(3) •Ports 71, 72, 73
The total all
-10
•Ports 84, 85, 86, 87 pins
Low
Peak
IOPL(1)
Ports 0, 1, 3
At each pins
20
Level
output
IOPL(2)
•Ports 70, 71, 72, 73 At each pins
15
output current
•Ports 84, 85, 86, 87
current Total
∑IOAL(1) Ports 0, 1, 70
The total all
60
output
pins
current
∑IOAL(2) Port 3
The total all
40
pins
∑IOAL(3) •Ports 71, 72, 73
The total all
20
•Ports 84, 85, 86, 87 pins
Power
Pd max (1)
DIP42S
Ta=-30 to +70
°C
630
mW
dissipation
Pd max (2)
QFP48E
Ta=-30 to +70
°C
410
(max.)
Operating
Topg
-30
70
°C
temperature
range
Storage
Tstg
-65
150
temperature
range


Similar Part No. - LC865516

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC865516 SANYO-LC865516 Datasheet
74Kb / 21P
   8-Bit Single Chip Microcontroller????
LC865516B SANYO-LC865516B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865516B SANYO-LC865516B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
More results

Similar Description - LC865516

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com