Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC866032 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC866032
Description  8-Bit Single Chip Microcontroller with One-Time PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866032 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC866032 Datasheet HTML 1Page - Sanyo Semicon Device LC866032 Datasheet HTML 2Page - Sanyo Semicon Device LC866032 Datasheet HTML 3Page - Sanyo Semicon Device LC866032 Datasheet HTML 4Page - Sanyo Semicon Device LC866032 Datasheet HTML 5Page - Sanyo Semicon Device LC866032 Datasheet HTML 6Page - Sanyo Semicon Device LC866032 Datasheet HTML 7Page - Sanyo Semicon Device LC866032 Datasheet HTML 8Page - Sanyo Semicon Device LC866032 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LC86P6032
No.4212-2/22
Notice for use
When using, please take note of the following.
(1) Differences between the LC86P6032 and the LC866000 series
Item
LC86P6032
LC866032/28/24/20/16/12/08
Port status at reset
Please refer to “Port status at reset” on the next page.
Operation after releasing
reset
The option is specified by degrees within
3ms after applying a ‘H’ level to the reset
pin.
The program located at 00H is
executed.
The program located at 00H is executed
immediately after applying a ‘H’ level to
the reset pin.
Output form of segment
•S0/T0 to S6/T6
•S7/T7 to S15/T15
•S16 to S23
•S24 to S29
Pulldown resistor
Not provided
Provided(fixed)
Provided(fixed)
Not provided
Pulldown resistor : Provided/Not provided
Specified by the option
Provided(fixed)
Specified by the option
Specified by the option
Operating supply
voltage range (VDD)
4.5V to 6.0V
2.5V to 6.0V
Power dissipation
Refer to “electrical characteristics” on the semiconductor news.
LC86P6032 uses 256 bytes that is addressed on 7F00H to 7FFFH in the program memory as the option
configuration data area. This option configuration cannot execute all options which LC866000 series have. Next
tables show the options that correspond and not correspond to LC86P6032.
• LC86P6032 Options
Option
Pins, Circuits
Option Settings
Configuration of input/output ports
Port 0
(Can be specified for
each bit.)
1. Input
: No pull-up MOS transistor
Output : N-channel open drain
2. Input
: Pull-up MOS transistor
Output : CMOS
Port 1
(Can be specified for
each bit.)
1. Input
: Programmable pull-up MOS transistor
Output : N-channel open drain
2. Input
: Programmable Pull-up MOS transistor
Output : CMOS
Port 7 pull-up MOS transistor
Port 7
(Can be specified for
each bit.)
1. Pull-up MOS transistor not provided.
2. Pull-up MOS transistor provided.
• A kind of option not corresponding LC86P6032
Option
Pins, Circuits
LC86P6032
LC866032/28/24/20/16/12/08
Pull-down resistor of high
voltage
withstand
output
terminal
·S0/T0 to S6/T6
·S16 to S23
·S24 to S29
(specified in a bit)
Not provided
Provided(fixed)
Not provided
Specified by the option
Specified by the option
Specified by the option
The port operation related to the option is different at reset. Please refer to the next table.


Similar Part No. - LC866032

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC866032B SANYO-LC866032B Datasheet
390Kb / 20P
   8-bit single chip microcomputer???
LC866032B SANYO-LC866032B Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
More results

Similar Description - LC866032

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC72P321 SANYO-LC72P321 Datasheet
383Kb / 15P
   Single-Chip Microcontroller PLL with On-Chip One-Time PROM?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com