Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS426C Datasheet(PDF) 4 Page - Vectron International, Inc

Part # TFS426C
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS426C Datasheet(HTML) 4 Page - Vectron International, Inc

  TFS426C Datasheet HTML 1Page - Vectron International, Inc TFS426C Datasheet HTML 2Page - Vectron International, Inc TFS426C Datasheet HTML 3Page - Vectron International, Inc TFS426C Datasheet HTML 4Page - Vectron International, Inc TFS426C Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Filename: tfs 426c.doc
Version 1.1
17.08.2006
VI TELEFILTER
Filter specification
TFS 426C
4/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Air reflow temperature conditions
Conditions
Exposure
Average ramp-up rate (30°C to 217°C)
less than 3°C/second
> 100°C
between 300 and 600 seconds
> 150°C
between 240 and 500 seconds
> 217°C
between 30 and 150 seconds
Peak temperature
max. 260°C
Time within 5°C of actual peak temperature
between 10 and 30 seconds
Cool-down rate (Peak to 50°C)
less than 6°C/second
Time from 30°C to Peak temperature
no greater than 300 seconds
Chip-mount air reflow profile
Temperature / °C
max. 260°C
217°C
Time / s
max. 300 s
10 ... 30 s
30 ... 150 s
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS426C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS426 VECTRON-TFS426 Datasheet
51Kb / 4P
   Filter specfication
More results

Similar Description - TFS426C

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com