Selected language     English  ▼


LA72715NV Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part No. LA72715NV
Description  JPN MTS (Multi Channel Television Sound) Decoder IC
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 10 page
background image
LA72715NV
Fig.1 DATA STRUCTURE “WRITE” mode
START Condition
Slave Address
R/W
L
ACK
Control data
ACK
STOP condition
Fig.2 DATA STRUCTURE “READ” mode
START condition
Slave Address
R/W
H
ACK
Internal Data *
ACK
STOP condition
∗ The output data synchronizes with the clock of SCL pin. Then the ACK output is made after the output data.
bit8 is result of STERO DET
(H : STEREO)
bit7 is result of BILINGUAL DET (H : BILINGUAL)
bit6 is Initial Condition ‘H’
bit5 to bit1 are fixed to ‘L’
(3) Initialize
This IC is initialized for circuit protection. Initial condition is “01h (Main-mode) ”.
Reference
Parameter
Symbol
min
max
unit
LOW level input voltage
VIL
-0.5
1.5
V
HIGH level input voltage
VIH
2.5
5.5
V
LOW level output current
IOL
3.0
mA
SCL clock frequency
fSCL
0
100
kHz
Set-up time for a repeated START condition
tSU : STA
4.7
μs
Hold time START condition. After this period, the first clock pulse is generated
tHD : STA
4.0
μs
LOW period of the SCL clock
tLOW
4.7
μs
Rise time of both SDA and SDL signals
tR
0
1.0
μs
HIGH period of the SCL clock
tHIGH
4.0
μs
Fall time of both SDA and SDL signals
tF
0
1.0
μs
Data hold time
tHD : DAT
0
μs
Data set-up time
tSU : DAT
250
ns
Set-up time for STOP condition
tSU : STO
4.0
μs
BUS free time between a STOP and START condition
tBUF
4.7
μs
Definition of Timing
t HD:STA
t SU:STA
t LOW
t R
t F
t HIGH
t HD:DATA
t SU:DAT
t SU:STO
t BUF
SCL
SDA
No.A1770-10/13




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl