Selected language     English  ā–¼


LA72715NV Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part No. LA72715NV
Description  JPN MTS (Multi Channel Television Sound) Decoder IC
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 11 page
background image
LA72715NV
No.A1770-11/13
I
2C Control/LA72715NV Group number is ONLY 1 (Normal Use).
Grp-1
D8
D7
D6
D5
D4
D3
D2
D1
Condition
0
0
Bilingual
*
0
1
Main
1
0
Sub
1
1
(Prohibit)
*
0
Normal
1
Forced MONO
*
0
Normal (MUTE OFF)
1
MUTE
*
0
TV Mode (SW Normal)
1
EXT Mode (SW EXT)
*
0
JUST CLOCK OFF
1
JUST CLOCK ON
*
0
SIF Mode
1
BASE BAND Mode
*
0
Fix
1
Prohibit (TEST Mode)
*: Initial condition
Read out data
D8
D7
D6
D5
D4
D3
D2
D1
Condition
0
0
0
0
0
Fixed
0
Normal
1
Stereo det
0
Normal
1
Bilingual det
0
Except an initial condition
1
Initial condition
Test Mode Condition
When STOP condition transform at Grp-1 data-end, controlled NORMAL mode.
Grp-2 (Only test condition : Normally, this group is hidden group)
D8
D7
D6
D5
D4
D3
D2
D1
Condition/Moniter position
0
0
0
0
0
0
0
0
-
0
0
0
0
0
0
0
1
TEST-01 SIF out
0
0
0
0
0
0
1
0
TEST-02 SUB FIL out
0
0
0
0
0
0
1
1
TEST-03 CUE FIL out
0
0
0
0
0
1
0
0
TEST-04 SUD DET out
0
0
0
0
0
1
0
1
TEST-05 CUE DC1 out
0
0
0
0
0
1
1
0
TEST-06 SUB DET2 out
0
0
0
0
0
1
1
1
TEST-07 110K out
0
0
0
0
1
0
0
0
TEST-08 28K out
0
0
0
0
1
0
0
1
TEST-09 CUE PLS out
0
0
0
0
1
0
1
0
TEST-10 FIL ZAP LEVEL
SLAVE ADDRESS 80H (16pin : OPEN)
SLAVE ADDRESS 84H (16pin : VCC)
SLAVE ADDRESS A0H (16pin : GND)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl