Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC866028 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC866028
Description  8-Bit Single Chip Microcontroller with One-Time PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866028 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC866028 Datasheet HTML 1Page - Sanyo Semicon Device LC866028 Datasheet HTML 2Page - Sanyo Semicon Device LC866028 Datasheet HTML 3Page - Sanyo Semicon Device LC866028 Datasheet HTML 4Page - Sanyo Semicon Device LC866028 Datasheet HTML 5Page - Sanyo Semicon Device LC866028 Datasheet HTML 6Page - Sanyo Semicon Device LC866028 Datasheet HTML 7Page - Sanyo Semicon Device LC866028 Datasheet HTML 8Page - Sanyo Semicon Device LC866028 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
91400 RM (IM) TW No.4212-1/22
Ver.1.02G
31293
Overview
The LC86P6032 microcontroller, a new addition to the LC866000 series, is a 8-bit single chip CMOS microcontroller with
one-time PROM. This microcontroller has the same function and pin assignment as for the LC866000 series mask ROM
version, and a 32K-byte PROM.
Features
(1) Option switching using PROM data
The optional functions of the LC866000 series can be specified using PROM data.
The functions of the trial products can be evaluated using a mass production board.
(2) Internal one-time PROM capacity
: 32768 bytes
(3) Internal RAM capacity
:
512 bytes
Mask ROM version
PROM capacity
RAM capacity
LC866032
LC866028
LC866024
LC866020
LC866016
LC866012
LC866008
32512 bytes
28672 bytes
24576 bytes
20480 bytes
16384 bytes
12288 bytes
8192 bytes
512 bytes
512 bytes
512 bytes
384 bytes
384 bytes
384 bytes
384 bytes
(4) Operating supply voltage
: 4.5V to 6.0V
(5) Instruction cycle time
: 0.98
µs to 400µs
(6) Operating temperature range
: -30
°C to +70°C
(7) Pin and package compatible with the mask ROM version
(8) Applicable mask ROM version
: LC866032/LC866028/LC866024/LC866020/LC866016/LC866012
/LC866008
(9) Factory shipment
: DIP64S
: QFP64E
Programming service
We offer various services at nominal charges. These include ROM writing, ROM reading, and package stamping and
screening. Contact our local representatives for further information.
8-Bit Single Chip Microcontroller
with One-Time PROM
LC86P6032
Ordering number : ENN4212A
CMOS IC


Similar Part No. - LC866028

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC866028B SANYO-LC866028B Datasheet
390Kb / 20P
   8-bit single chip microcomputer???
LC866028B SANYO-LC866028B Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
More results

Similar Description - LC866028

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC72P321 SANYO-LC72P321 Datasheet
383Kb / 15P
   Single-Chip Microcontroller PLL with On-Chip One-Time PROM?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com