Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFL4026 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # BFL4026
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

BFL4026 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  BFL4026 Datasheet HTML 1Page - Sanyo Semicon Device BFL4026 Datasheet HTML 2Page - Sanyo Semicon Device BFL4026 Datasheet HTML 3Page - Sanyo Semicon Device BFL4026 Datasheet HTML 4Page - Sanyo Semicon Device BFL4026 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BFL4026
No. A1797-1/5
Features
ON-resistance RDS(on)=2.8Ω (typ.)
Input capacitance Ciss=650pF (typ.)
10V drive
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
900
V
Gate-to-Source Voltage
VGSS
±30
V
Drain Current (DC)
IDc*1
Limited only by maximum temperature Tch=150°C
5A
IDpack*2
Tc=25°C (SANYO’s ideal heat dissipation condition)*3
3.5
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
10
A
Allowable Power Dissipation
PD
2.0
W
Tc=25°C (SANYO’s ideal heat dissipation condition)*3
35
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Energy (Single Pulse) *4
EAS
140
mJ
Avalanche Current *5
IAV
5A
Note :
*1 Shows chip capability
*2 Package limited
*3 SANYO’s condition is radiation from backside.
The method is applying silicone grease to the backside of the device and attaching the device to water-cooled radiator made of aluminium.
*4 VDD=99V, L=10mH, IAV=5A (Fig.1)
*5 L≤10mH, single pulse
Package Dimensions
unit : mm (typ)
7509-002
70710QB TK IM TC-00002399
SANYO Semiconductors
DATA SHEET
BFL4026
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
Ordering number : ENA1797
Product & Package Information
• Package
: TO-220FI(LS)
• JEITA, JEDEC
: SC-67, SOT-186A, TO-220F
• Minimum Packing Quantity : 100 pcs./bag or 50pcs./magazine
Marking
Electrical Connection
0.7
2.55
2.55
1.2
0.9
0.75
1.2
4.5
2.8
12 3
10.0
3.2
1 : Gate
2 : Drain
3 : Source
SANYO : TO-220FI(LS)
FL4026
LOT No.
1
3
2


Similar Part No. - BFL4026

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
BFL4026 SANYO-BFL4026 Datasheet
383Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
BFL4026 ONSEMI-BFL4026 Datasheet
291Kb / 7P
   N-Channel Power MOSFET
logo
Inchange Semiconductor ...
BFL4026 ISC-BFL4026 Datasheet
293Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
BFL4026-1E ONSEMI-BFL4026-1E Datasheet
291Kb / 7P
   N-Channel Power MOSFET
logo
Sanyo Semicon Device
BFL4026 SANYO-BFL4026_12 Datasheet
383Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - BFL4026

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com