Selected language     English  ▼


LA72914V Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part No. LA72914V
Description  Monolithic Linear IC FM Modulator and Demodulator IC
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 7 page
background image
LA72914V
No.A1859-7/9
Continued from preceding page.
Pin No.
Pin Name
Description
Equivalent circuit
12
AGC monitor
FM AGC monitor pin.
12
13
GND
GND pin.
14
VCO CTL
Modulation frequency fine control pin.
Adjustment frequency is, about
±220kHz at 0.5V to 4.5V
DC.
14
C1
VR1
2.4V
15
ALC CTL
Audio ALC filter pin.
Please connect 0.47
μF capacitor.
15
C1
16
TX Audio IN
(TX-OFF_CTL)
Audio signal input pin.
Internal bias is 2.4V DC. Please use capacitor coupling. If
DC voltage set to under 0.4V DC, then modulator circuit
stops. Demodulation circuit is work. This is receiving only
mode. (TX-OFF: 0 to 0.4V)
16
C1
2.4V
Signal processing outline
[Modulation block]
• Audio signal is input from pin16. (Internal bias is DC 2.4V.) Go through AMP (6dB)/ALC/LPF (10 kHz) and emphasis circuit,
then input FM-modulation block. After FM-modulation block, go to output driver block then FM-audio signal output from pin1.
• ALC: ALC circuit work at pin16 input level over than 0.5Vp-p.
• LPF: LPF gain is -3dB at 10 kHz and -6dB/oct. Keep over modulation from emphasis characteristic.
• Emphasis circuit: The pin3 owns an Emphasis characteristic which connected capacitor. Recommended value = 6800pF.
• FM modulation: Carrier frequency is choosing from pin6 voltage. When pin16 input level is 0.5Vp-p, then FM deviation set to ±25
kHz. Internal LPF reduce harmonic spectrum.
• Output Driver: Output AC voltage is about 2.0Vp-p. (Load resistance: 1kΩ)




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl