Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA72914V Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LA72914V
Description  Monolithic Linear IC FM Modulator and Demodulator IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA72914V Datasheet(HTML) 8 Page - Sanyo Semicon Device

  LA72914V Datasheet HTML 1Page - Sanyo Semicon Device LA72914V Datasheet HTML 2Page - Sanyo Semicon Device LA72914V Datasheet HTML 3Page - Sanyo Semicon Device LA72914V Datasheet HTML 4Page - Sanyo Semicon Device LA72914V Datasheet HTML 5Page - Sanyo Semicon Device LA72914V Datasheet HTML 6Page - Sanyo Semicon Device LA72914V Datasheet HTML 7Page - Sanyo Semicon Device LA72914V Datasheet HTML 8Page - Sanyo Semicon Device LA72914V Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LA72914V
No.A1859-8/9
[De-modulation block]
• Demodulate audio signal from modulated audio signal.
• FM-Audio signal is input from pin5. Go through 4.5M-Trap-filter or 6.5MHz-Trap-filter and AGC go to demodulator. After
demodulator go to De-emphasis circuit. After de-emphasis circuit signal is output pin7. Pin7 signal is charge to DC bias for
coupling capacitor at pin8. Audio signal from pin8 go to 6dB AMP then output from pin9. (Door-phone application, there are two
FM carrier. In this case we recommend add BPF before pin5 FM-Audio signal input.)
• 4.5M/6.5MHz-Trap-filter: Internal Trap-filter is change for pin6 mode control. (If modulator frequency is 4.5MHz, then internal
Trap-filter is 4.5MHz.)
• AGC: After AGC level is control about 0.3Vp-p. After AGC signal go to pin12 FM-monitor and de-modulator.
• De-emphasis circuit: The pin7 owns an De-emphasis characteristic which connected capacitor. Recommended value = 10nF.
• Output signal level: If input FM signal deviation is ±25 kHz, then output signal level is 1Vp-p (TYP) from pin9/ (Load resistance:
10k
Ω at 1 kHz.)
Characteristics
Frequency responce TxIn-RxOut
-15
-9
-6
-3
-12
3
0.01
0.1
10
1
100
0
400
800
200
600
10
100
1000
1500
1000
500
400
500
300
200
ALC characteristics
0
2000
0
100
600
1200
FMAGC characteristics
1
10000
2500
Input level, [mVp-p]
1000
Pin 16
6dB
Pin 9
ALC
Input level, [mVp-p]
fo=4.5MHz
(unmodulated signals)
Pin 12
Frequency, [kHz]
0


Similar Part No. - LA72914V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA72914V ONSEMI-LA72914V Datasheet
223Kb / 9P
   FM Modulator and Demodulator IC
July, 2013
LA72914V-TLM-H ONSEMI-LA72914V-TLM-H Datasheet
223Kb / 9P
   FM Modulator and Demodulator IC
July, 2013
More results

Similar Description - LA72914V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72910V SANYO-LA72910V Datasheet
164Kb / 10P
   Monolithic Linear IC FM Modulator and Demodulator IC
LA72910V SANYO-LA72910V_09 Datasheet
168Kb / 10P
   FM Modulator and Demodulator IC
LA72912V SANYO-LA72912V Datasheet
196Kb / 12P
   FM Modulator and Demodulator IC
logo
ON Semiconductor
LA72914V-TLM-H ONSEMI-LA72914V-TLM-H Datasheet
223Kb / 9P
   FM Modulator and Demodulator IC
July, 2013
LA72910V-TLM-E ONSEMI-LA72910V-TLM-E Datasheet
164Kb / 10P
   FM Modulator and Demodulator IC
July, 2013
logo
Sanyo Semicon Device
LA1225MC SANYO-LA1225MC Datasheet
638Kb / 8P
   Monolithic Linear IC FM IF Detector IC
logo
Agilent(Hewlett-Packard...
HPMX-5002 HP-HPMX-5002 Datasheet
162Kb / 14P
   IF Modulator/Demodulator IC
logo
Panasonic Semiconductor
AN614 PANASONIC-AN614 Datasheet
39Kb / 3P
   Video amplifier, modulator/demodulator IC
logo
New Japan Radio
NJM2590 NJRC-NJM2590 Datasheet
60Kb / 2P
   455kHz INPUT FM IF DEMODULATOR IC
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com