Selected language     English  ▼


LA72914V Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LA72914V
Description  Monolithic Linear IC FM Modulator and Demodulator IC
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 2 page
background image
LA72914V
No.A1859-2/9
Electrical Characteristics at Ta
= 25°C, VCC = 5V
DC Characteristic
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
2.4V regulator
VREG
Measure the DC voltage at pin 2
2.2
2.4
2.6
V
ICC1
Measure the current into pin 4 in normal mode.
26.0
33.0
40.0
mA
Current dissipation
ICC2
Measure the current into pin 4 in stand-by mode.
2.0
2.5
3.0
mA
Control pin (6 pin)
Low level
CNT6L
Low level of input pin (6pin) in 4.5MHz TX mode.
0
0.4
V
Control pin (6 pin)
Middle level
CNT6M
Middle level of input pin (6pin) in stand-by mode.
2.0
3.0
V
Control pin (6 pin)
High level
CNT6H
High level of input pin (6pin) in 6.5MHz TX mode.
4.5
5.0
V
AGC stop at pin 11
control voltage
AGCS
Voltage of input pin (pin 11) in AGC stop
4.5
5.0
V
TX OFF mode at pin 16
control voltage
CNT16L
Voltage of input pin (pin 16) in TX off mode
0
0.4
V
Sound FM Modulation Block (TX)
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
FFM1
Output frequency of T1B in no signals. T6=0.6V, T14:open
4.455
4.500
4.545
MHz
FM carrier
output frequency
FFM2
Output frequency of T1B in no signals. T6=4.2V, T14:open
6.435
6.500
6.565
MHz
VOFM1
Output level of T1B in no signals.
Load impedance = 1k
Ω T1-GND. T6=0.6V
1.9
2.3
2.6
Vp-p
FM carrier output level
VOFM2
Output level of T1B in no signals.
Load impedance = 1k
Ω T1-GND. T6=4.2V
1.3
1.7
2.1
Vp-p
2HD1
2
nd harmonics distortion of T1B in no signals.
Load impedance = 1k
Ω T1-GND. T6=0.6V
-30
-20
dB
FM carrier output
second harmonics
distortion
2HD2
2
nd harmonics distortion of T1B in no signals.
Load impedance = 1k
Ω T1-GND. T6=4.2V
-30
-20
dB
FM carrier output mute
level
VFMT
Output level of T1B in TX off mode. T6=0.6V (4.2V)
-60
-50
dB
FM deviation
DEV
FM deviation of T1A, T6=0.6V (4.2V), input at
T16=1.0Vp-p/1kHz (sine)
20
25
30
kHz
Emphasis
Characteristic
FEMP
T16=200mVp-p, 1kHz (sine), M1=T1 output deviation.
T16=200mVp-p, 5kHz (sine), M2=T1 output deviation.
FEMP=M2-M1
7
12
17
kHz
ALC1
T16A=0.25Vp-p, 1kHz (sine), T3:Open, T6=0.6V, T3 output level
0.45
0.5
0.55
Vp-p
ALC2
T16A=0.6Vp-p, 1kHz (sine), T3:Open, T6=0.6V, T3 output level
0.9
1.0
1.1
Vp-p
ALC characteristic
ALC3
T16A=1.0Vp-p, 1kHz (sine), T3:Open, T6=0.6V, T3 output level
0.95
1.05
1.15
Vp-p
FCNT1
No signal input. Measure T1B frequency. T16:Open, T6=0.6V
(4.2V), T14=0.5V
-0.22
MHz
FM carrier “fo”
adjustment (reference)
FCNT2
No signal input. Measure T1B frequency. T16:Open, T6=0.6V
(4.2V), T14=4.5V
+-.22
MHz
Sound FM demodulation block (RX)
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
VOUT1
Input signal: CAR=4.5MHz, DEV=
±25kHz, MOD=1kHz,
Level: 100mVp-p. T5A input. Measure T9B signal level.
(T9B-GND: ROUT=10kΩ) T6=4.2V
0.6
0.9
1.3
Vp-p
Sound demodulation
level
VOUT2
Input signal: CAR=6.5MHz, DEV=
±25kHz, MOD=1kHz,
Level: 100mVp-p. T5A input. Measure T9B signal level.
(T9B-GND: ROUT =10kΩ) T6=0.6V
0.7
1.0
1.4
Vp-p
SN1
Input signal: CAR=4.5MHz, No-modulation. Level: 100mVp-p.
T5A input. T6=4.2V, (IHF-A) M1=T9B signal level. (T9B-GND:
ROUT =10kΩ) SN1=20log(VOUT1/M1)
35
50
dB
S/N
SN2
Input signal: CAR=6.5MHz, No-modulation. Level: 100mVp-p.
T5A input. T6=0.6V, (IHF-A) M1=T9B signal level. (T9B-GND:
ROUT =10kΩ) SN1=20log(VOUT2/M1)
35
50
dB
Continued on next page




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl