Selected language     English  ▼


LA72914V Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LA72914V
Description  Monolithic Linear IC FM Modulator and Demodulator IC
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 5 page
background image
LA72914V
No.A1859-5/9
Pin Description
Pin No.
Pin Name
Description
Equivalent circuit
1
FM OUT
4.5MHz or 6.5MHz FM carrier output.
Push-pull output pin.
Output level is 2.5Vp-p (Load resistance=1k
Ω)
1
2
2.4V REG Filter
Internal regulator filter pin.
Please connect 0.1
μF (C1)
2
C1
4V
VCC
3
Emphasis Filter
Emphasis filter pin.
Before FM modulation, make emphasis Characteristic at
audio signal. C1(6800pF)
Emphasis time constant must be matching de-emphasis
time constant. (If you don’t need the emphasis, this pin is
open.)
3
C1
4
VCC
VCC pin.
Supply voltage is 5V DC.
Please connect de-coupling capacitor. (about 47
μF)
5
FM IN
FM signal input.
Please use capacitor coupling.
5
C1
SIG
2.4V
6
Mode CTL
MODE control pin.
Control modulation frequency
TX=4.5MHz: 0 to 0.4V
Stand-by: 2.0 to 3.0V
TX=6.5MHz: 4.5V to VCC
6
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl