Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC86P6560 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC86P6560
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC86P6560 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC86P6560 Datasheet HTML 4Page - Sanyo Semicon Device LC86P6560 Datasheet HTML 5Page - Sanyo Semicon Device LC86P6560 Datasheet HTML 6Page - Sanyo Semicon Device LC86P6560 Datasheet HTML 7Page - Sanyo Semicon Device LC86P6560 Datasheet HTML 8Page - Sanyo Semicon Device LC86P6560 Datasheet HTML 9Page - Sanyo Semicon Device LC86P6560 Datasheet HTML 10Page - Sanyo Semicon Device LC86P6560 Datasheet HTML 11Page - Sanyo Semicon Device LC86P6560 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LC86P6560
No.6691-8/22
Pin name
I/O
Function description
Option
PROM mode
PORT8
P80-P83
P84-P87
I
I/O
•4-bit input/output port
Input/output in bit unit
•4-bit input port
•Other function
AD input port (8 port pins)
-
-
S0/T0 to
S6/T6
*6
O
Output for VFD display controller
segment/timing in common
-
-
S7/T7 to
S15/T15
*7
O
•Output for VFD display controller
segment/timing with internal pull-down
resistor in common
•Internal pull-down resistor output
-
TA (*5)
S16 to S31
*8
I/O
•Output for VFD display controller segment
•Other function
S16 : High voltage input port PC0
S17 : High voltage input port PC1
S18 : High voltage input port PC2
S19 : High voltage input port PC3
S20 : High voltage input port PC4
S21 : High voltage input port PC5
S22 : High voltage input port PC6
S23 : High voltage input port PC7
S24 : High voltage input port PD0
S25 : High voltage input port PD1
S26 : High voltage input port PD2
S27 : High voltage input port PD3
S28 : High voltage input port PD4
S29 : High voltage input port PD5
S30 : High voltage input port PD6
S31 : High voltage input port PD7
-
•Address input
A15 to A0
S32 to S47
*9
I/O
•Output for VFD display controller segment
•Other function
S32 : High voltage input port PE0
S33 : High voltage input port PE1
S34 : High voltage input port PE2
S35 : High voltage input port PE3
S36 : High voltage input port PE4
S37 : High voltage input port PE5
S38 : High voltage input port PE6
S39 : High voltage input port PE7
S40 : High voltage I/O port PF0
S41 : High voltage I/O port PF1
S42 : High voltage I/O port PF2
S43 : High voltage I/O port PF3
S44 : High voltage I/O port PF4
S45 : High voltage I/O port PF5
S46 : High voltage I/O port PF6
S47 : High voltage I/O port PF7
-
-


Similar Part No. - LC86P6560

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Similar Description - LC86P6560

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com