Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC86P7248 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC86P7248
Description  8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC86P7248 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC86P7248 Datasheet HTML 4Page - Sanyo Semicon Device LC86P7248 Datasheet HTML 5Page - Sanyo Semicon Device LC86P7248 Datasheet HTML 6Page - Sanyo Semicon Device LC86P7248 Datasheet HTML 7Page - Sanyo Semicon Device LC86P7248 Datasheet HTML 8Page - Sanyo Semicon Device LC86P7248 Datasheet HTML 9Page - Sanyo Semicon Device LC86P7248 Datasheet HTML 10Page - Sanyo Semicon Device LC86P7248 Datasheet HTML 11Page - Sanyo Semicon Device LC86P7248 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LC86P7248
No.6838-8/20
Pin name
I/O
Function description
Option
PROM mode
Port A
(S0/PA0 to
S7/PA7)
I/O
• Segment output terminal for LCD display
• Can be used as a general input/output
port
-
Address input
A0 to A7
Port B
(S8/PB0 to
S15/PB7)
I/O
• Segment output terminal for LCD display
• Can be used as a general input/output
port
-
Address input
A8 to A13
Port C
(S16/PC0 to
S23/PC7)
I/O
• Segment output terminal for LCD display
• Can be used as a general input/output
port
-
PROM control
signal input
• TA (*5)
Address input
• A14, A15
Port D
(S24/PD0 to
S31/PD7)
I/O
• Segment output terminal for LCD display
• Can be used as a general input/output
port
-
-
Port E
(S32/PE0 to
S39/PE7)
I/O
• Segment output terminal for LCD display
• Can be used as a general input/output
port
-
-
Port F
(S40/PF0 to
S47/PF7)
I/O
• Segment output terminal for LCD display
• Can be used as a general input/output
port
-
-
Port L
(COM0/PL0
to
COM3/PL3)
I/O
• Common output terminal for LCD display
• Can be used as a general input port
-
-
V1/PL4 –
V3/PL6
I
• Bias power terminal for LCD drive
• Can be used as a general input port
-
-
RES
I
Reset pin
-
-
XT1/ P74
I
• Input pin for 32.768kHz crystal
oscillation
In case of non use, connect to VDD.
• Other function
A general input port P74
-
-
XT2/P75
O
(I)
• Output pin for 32.768kHz crystal
oscillation
In case of non use, should be left
unconnected
• Other function
A general input port P75
-
-
CF1
I
Input pin for ceramic resonator
oscillation
-
-
CF2
O
Output pin for ceramic resonator
oscillation
-
-
* All of port options can be specified in bit unit except the pull-up resistor of port 0.
[Notes] • The VDD1, VDD2 and VDD3 terminals must be shorted electrically each other.
• The VSS1, VSS2 and VSS3 terminals must be shorted electrically each other.
*1 Connect like the following figure to reduce noise into a VDD terminals.
*2 Memory select input for data security
*3 Output enable input
*4 Chip enable input
*5 TA ! PROM control signal input
LSI
VSS1 VSS2 VSS3
VDD1
VDD2
VDD3
Power
Supply


Similar Part No. - LC86P7248

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Similar Description - LC86P7248

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com