Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS440 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS440
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS440 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS440_00 Datasheet HTML 1Page - Vectron International, Inc TFS440_00 Datasheet HTML 2Page - Vectron International, Inc TFS440_00 Datasheet HTML 3Page - Vectron International, Inc TFS440_00 Datasheet HTML 4Page - Vectron International, Inc TFS440_00 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
tfs440.doc
version 1.3
15.06.2000
______________________________________________________________________________________________________
VI TELEFILTER
Filter specification
TFS 440
-
1/5
______________________________________________________________________________________________________
______________________________________________________________________________________________________
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
Measurement condition
Ambient temperature:
23
°C
Input power level:
0 dBm
Terminating impedances
for input:
250
Ω // -0.8 pF
for output:
250
Ω // -0.8 pF
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 440 is the minimum of the pass band attenuation amin. The minimum of the pass band
attenuation amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at
the 3 dB filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed on 440 MHz without tolerance. The given values
for the relative attenuation arel and for the group delay ripple have to be reached at the frequencies given below also if the centre frequency fc is
shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre
frequency fc.
D a t a
typ. Value
tolerance/limit
______________________________________________________________________________________________________
Insertion loss
ae = amin
4.4
dB
max.
6,5
dB
(Reference level)
______________________________________________________________________________________________________
Nominal frequency
fN
______________________________________________________________________________________________________
-
440,000 MHz
Guaranteed 1,5 dB signal band width
BW
293
kHz
min.
140
kHz
______________________________________________________________________________________________________
Relative attenuation
arel
fN ± 70 kHz
0.5
dB
max.
1,5
dB
fN ± 100 kHz
1.0
dB
max.
3,0
dB
fN ± 400 kHz ... fN ± 600 kHz
29
dB
min.
25
dB
fN ± 600 kHz ... fN ± 800 kHz
48
dB
min.
40
dB
fN ± 800 kHz ... fN ±
3 MHz
58
dB
min.
50
dB
f
±
3 MHz ... f
±
78 MHz
62
dB
min.
50
dB
N
N
______________________________________________________________________________________________________
Group delay ripple
GD
f
± 100 kHz
1.1
µs
max.
2
µs
N
______________________________________________________________________________________________________
Operating temperature range
- 20
°C ... + 70 °C
______________________________________________________________________________________________________
Maximum Input Power
10
dBm
__________________________________________________________________________________________
Temperature coefficient of frequency
TC
ca. - 0.036 ppm/K²
__________________________________________________________________________________________
Frequency inversion temperature
+ 25
°C
______________________________________________________________________________________________________
Generated:
Checked / approved:
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS440_00

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS440A VECTRON-TFS440A Datasheet
160Kb / 5P
   Filter specification
TFS440C VECTRON-TFS440C Datasheet
84Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS440_00

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com