Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC875148A Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC875148A
Description  8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC875148A Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC875148A Datasheet HTML 3Page - Sanyo Semicon Device LC875148A Datasheet HTML 4Page - Sanyo Semicon Device LC875148A Datasheet HTML 5Page - Sanyo Semicon Device LC875148A Datasheet HTML 6Page - Sanyo Semicon Device LC875148A Datasheet HTML 7Page - Sanyo Semicon Device LC875148A Datasheet HTML 8Page - Sanyo Semicon Device LC875148A Datasheet HTML 9Page - Sanyo Semicon Device LC875148A Datasheet HTML 10Page - Sanyo Semicon Device LC875148A Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LC875164A/48A/32A
No.6715-7/25
QIP
NAME
SQFP
QIP
NAME
SQFP
1
PA1/ CS1
79
41
SI2P3/SCK20
39
2
PA2/ CS0
80
42
PWM1
40
3
PA3/ WR
1
43
PWM0
41
4
PA4/ RD
2
44
VDD2
42
5
PA5/RS
3
45
VSS2
43
6
P70/INT0/T0LCP
4
46
P00
44
7
P71/INT1/T0HCP
5
47
P01
45
8
P72/INT2/T0IN
6
48
P02
46
9
P73/INT3/T0IN
7
49
P03
47
10
RES
8
50
P04
48
11
XT1
9
51
P05
49
12
XT2
10
52
P06
50
13
VSS1
11
53
P07
51
14
CF1
12
54
P20/INT4/T1IN
52
15
CF2
13
55
P21/INT4/T1IN
53
16
VDD1
14
56
P22/INT4/T1IN
54
17
P80/AN0
15
57
P23/INT4/T1IN
55
18
P81/AN1
16
58
P24/INT5/T1IN
56
19
P82/AN2
17
59
P25/INT5/T1IN
57
20
P83/AN3
18
60
P26/INT5/T1IN
58
21
P84/AN4
19
61
P27/INT5/T1IN
59
22
P85/AN5
20
62
PB7/D7
60
23
P86/AN6
21
63
PB6/D6
61
24
P87/AN7
22
64
PB5/D5
62
25
P30
23
65
PB4/D4
63
26
P31
24
66
PB3/D3
64
27
P32
25
67
PB2/D2
65
28
P33
26
68
PB1/D1
66
29
P34
27
69
PB0/D0
67
30
P10/SO0
28
70
VSS3
68
31
P11/SI0/SB0
29
71
VDD3
69
32
P12/SCK0
30
72
PC7/A7
70
33
P13/SO1
31
73
PC6/A6
71
34
P14/SI1/SB1
32
74
PC5/A5
72
35
P15/SCK1
33
75
PC4/A4
73
36
P16/T1PWML
34
76
PC3/A3
74
37
P17/T1PWMH/BUZ
35
77
PC2/A2
75
38
SI2P0/SO2
36
78
PC1/A1
76
39
SI2P1/SI2/SB2
37
79
PC0/A0
77
40
SI2P2/SCK2
38
80
PA0/ CS2
78


Similar Part No. - LC875148A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC875016A SANYO-LC875016A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875024A SANYO-LC875024A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875048B SANYO-LC875048B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC875056B SANYO-LC875056B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
More results

Similar Description - LC875148A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC875G32A SANYO-LC875G32A Datasheet
149Kb / 23P
   ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC87F5932A SANYO-LC87F5932A_08 Datasheet
199Kb / 27P
   Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7032A SANYO-LC87F7032A Datasheet
136Kb / 21P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com