Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS456X Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS456X
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS456X Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS456X Datasheet HTML 1Page - Vectron International, Inc TFS456X Datasheet HTML 2Page - Vectron International, Inc TFS456X Datasheet HTML 3Page - Vectron International, Inc TFS456X Datasheet HTML 4Page - Vectron International, Inc TFS456X Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 456x.doc
Version 1.0
26.10.2006
VI TELEFILTER
Filter specification
TFS 456X
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance: *
Input:
650 Ω || -3,2 pF
Output:
650 Ω || -3,4 pF
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS 456X is the minimum of the pass band attenuation. This value is defined as the insertion
loss ae. The nominal frequency fN is fixed at 456,0 MHz without any tolerance. The values of relative attenuation arel are guaranteed for the whole
operating temperature range. The frequency shift of the filter in the operating temperature range is included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss
ae = amin
10,0
dB
max.
12,0
dB
(reference level)
Nominal frequency
fN
456,0
MHz
Passband
PB
f
N ± 4,55
MHz
Pass band ripple
p-p
0,5
dB
max.
1,0
dB
Relative attenuation
arel
f
N
… f
N
±
4,55
MHz
0,5
dB
max.
1,0
dB
f
N
-
9,1
MHz … f
N
-
25,0
MHz
44
dB
min.
40
dB
f
N
+
9,1
MHz … f
N
+
15,0
MHz
44
dB
min.
40
dB
f
N
+
15,0
MHz … f
N
+
25,0
MHz
44
dB
min.
40
dB
Group delay ripple within PB
118
ns
max.
250
ns
Return loss within PB
14
dB
min.
10
dB
Input power level
max.
10
dBm
Operating temperature range
OTR
-
- 45 °C ... + 85°C
Storage temperature range
-
- 45 °C ... + 85°C
Temperature coefficient of frequency
TCf **
-18
ppm/K
-
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference
values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**)
∆f(Hz) = TCf(ppm/K) x (T-T0) x fcat(MHz).
Generated:
Checked / Approved:
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS456X

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS456 VECTRON-TFS456 Datasheet
33Kb / 3P
   Filter Specification
TFS456A VECTRON-TFS456A Datasheet
253Kb / 5P
   Filter specification
TFS456AC VECTRON-TFS456AC Datasheet
148Kb / 5P
   VI TELEFILTER Filter specification
TFS456AE VECTRON-TFS456AE Datasheet
146Kb / 5P
   VI TELEFILTER Filter specification
TFS456AF VECTRON-TFS456AF Datasheet
208Kb / 5P
   VI TELEFILTER Filter specification
More results

Similar Description - TFS456X

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com