Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA1026 Datasheet(PDF) 6 Page - Microchip Technology

Part # 24AA1026
Description  1024K I2C??CMOS Serial EEPROM 100 kHz and 400 kHz Clock Compatibility
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA1026 Datasheet(HTML) 6 Page - Microchip Technology

Back Button 24AA1026 Datasheet HTML 2Page - Microchip Technology 24AA1026 Datasheet HTML 3Page - Microchip Technology 24AA1026 Datasheet HTML 4Page - Microchip Technology 24AA1026 Datasheet HTML 5Page - Microchip Technology 24AA1026 Datasheet HTML 6Page - Microchip Technology 24AA1026 Datasheet HTML 7Page - Microchip Technology 24AA1026 Datasheet HTML 8Page - Microchip Technology 24AA1026 Datasheet HTML 9Page - Microchip Technology 24AA1026 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
24AA1026/24LC1026/24FC1026
DS22270A-page 6
 2011 Microchip Technology Inc.
3.0
FUNCTIONAL DESCRIPTION
The 24XX1026 supports a bidirectional 2-wire bus and
data transmission protocol. A device that sends data
onto the bus is defined as a transmitter and a device
receiving data as a receiver. The bus must be
controlled by a master device which generates the
Serial Clock (SCL), controls the bus access, and
generates the Start and Stop conditions while the
24XX1026 works as a slave. Both master and slave
can operate as a transmitter or receiver, but the master
device determines which mode is activated.


Similar Part No. - 24AA1026

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA1026 MICROCHIP-24AA1026 Datasheet
586Kb / 28P
   1024K I2C??Serial EEPROM
11/29/11
24AA1026E/P MICROCHIP-24AA1026E/P Datasheet
464Kb / 30P
   1024K I2C Serial EEPROM
07/14/15
24AA1026E/SM MICROCHIP-24AA1026E/SM Datasheet
464Kb / 30P
   1024K I2C Serial EEPROM
07/14/15
24AA1026E/SN MICROCHIP-24AA1026E/SN Datasheet
464Kb / 30P
   1024K I2C Serial EEPROM
07/14/15
24AA1026I/P MICROCHIP-24AA1026I/P Datasheet
464Kb / 30P
   1024K I2C Serial EEPROM
07/14/15
More results

Similar Description - 24AA1026

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA1025 MICROCHIP-24AA1025_11 Datasheet
447Kb / 28P
   1024K I2C??CMOS Serial EEPROM
2011
24AA1025 MICROCHIP-24AA1025_08 Datasheet
365Kb / 24P
   1024K I2C??CMOS Serial EEPROM
2008
24AA1025 MICROCHIP-24AA1025 Datasheet
366Kb / 22P
   1024K I2C??CMOS Serial EEPROM
2007
24LC1025 MICROCHIP-24LC1025 Datasheet
304Kb / 26P
   1024K I2C??CMOS Serial EEPROM
2010
24AA1026 MICROCHIP-24AA1026_15 Datasheet
464Kb / 30P
   1024K I2C Serial EEPROM
07/14/15
24AA1026 MICROCHIP-24AA1026_12 Datasheet
586Kb / 28P
   1024K I2C??Serial EEPROM
11/29/11
24AA1025 MICROCHIP-24AA1025_13 Datasheet
653Kb / 28P
   1024K I2C Serial EEPROM
11/29/12
24LC1025-IP MICROCHIP-24LC1025-IP Datasheet
447Kb / 28P
   1024K I2C??Serial EEPROM
2005-2012
24LC1025-I-SM MICROCHIP-24LC1025-I-SM Datasheet
447Kb / 28P
   1024K I2C??Serial EEPROM
2005-2012
24FC1025T-ISM MICROCHIP-24FC1025T-ISM Datasheet
447Kb / 28P
   1024K I2C Serial EEPROM
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com