Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC1026T Datasheet(PDF) 9 Page - Microchip Technology

Part # 24LC1026T
Description  1024K I2C??CMOS Serial EEPROM 100 kHz and 400 kHz Clock Compatibility
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC1026T Datasheet(HTML) 9 Page - Microchip Technology

Back Button 24LC1026T Datasheet HTML 5Page - Microchip Technology 24LC1026T Datasheet HTML 6Page - Microchip Technology 24LC1026T Datasheet HTML 7Page - Microchip Technology 24LC1026T Datasheet HTML 8Page - Microchip Technology 24LC1026T Datasheet HTML 9Page - Microchip Technology 24LC1026T Datasheet HTML 10Page - Microchip Technology 24LC1026T Datasheet HTML 11Page - Microchip Technology 24LC1026T Datasheet HTML 12Page - Microchip Technology 24LC1026T Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
 2011 Microchip Technology Inc.
DS22270A-page 9
24AA1026/24LC1026/24FC1026
6.0
WRITE OPERATIONS
6.1
Byte Write
Following the Start condition from the master, the
control code (four bits), the Chip Select (two bits), the
block select (one bit), and the R/W bit (which is a logic
low) are clocked onto the bus by the master transmitter.
This indicates to the addressed slave receiver that the
address high byte will follow after it has generated an
Acknowledge
bit
during
the
ninth
clock
cycle.
Therefore, the next byte transmitted by the master is
the high-order byte of the word address and will be
written into the Address Pointer of the 24XX1026. The
next byte is the Least Significant Address Byte. After
receiving
another
Acknowledge
signal
from
the
24XX1026, the master device will transmit the data
word to be written into the addressed memory location.
The 24XX1026 acknowledges again and the master
generates a Stop condition. This initiates the internal
write cycle and during this time, the 24XX1026 will not
generate Acknowledge signals as long as the control
byte being polled matches the control byte that was
used to initiate the write (Figure 6-1). If an attempt is
made to write to the array with the WP pin held high, the
device will acknowledge the command, but no write
cycle will occur, no data will be written and the device
will immediately accept a new command. After a byte
Write command, the internal address counter will point
to the address location following the one that was just
written.
6.2
Page Write
The write control byte, word address and the first data
byte are transmitted to the 24XX1026 in the same way
as in a byte write. But instead of generating a Stop
condition, the master transmits up to 127 additional
bytes, which are temporarily stored in the on-chip page
buffer and will be written into memory after the master
has transmitted a Stop condition. After receipt of each
word, the seven lower Address Pointer bits are
internally incremented by one. If the master should
transmit more than 128 bytes prior to generating the
Stop condition, the address counter will roll over and
the previously received data will be overwritten. As with
the byte write operation, once the Stop condition is
received, an internal write cycle will begin (Figure 6-2).
If an attempt is made to write to the array with the WP
pin held high, the device will acknowledge the
command, but no write cycle will occur, no data will be
written and the device will immediately accept a new
command.
6.3
Write Protection
The WP pin allows the user to write-protect the entire
array (00000-1FFFF) when the pin is tied to VCC. If tied
to VSS the write protection is disabled. The WP pin is
sampled at the Stop bit for every Write command
(Figure 1-1). Toggling the WP pin after the Stop bit will
have no effect on the execution of the write cycle.
Note:
When doing a write of less than 128 bytes
the data in the rest of the page is
refreshed along with the data bytes being
written. This will force the entire page to
endure a write cycle, for this reason
endurance is specified per page.
Note:
Page write operations are limited to writ-
ing bytes within a single physical page,
regardless of the number of bytes actually
being written. Physical page boundaries
start
at
addresses
that
are
integer
multiples of the page buffer size (or ‘page
size’) and end at addresses that are
integer multiples of [page size – 1]. If a
Page Write command attempts to write
across a physical page boundary, the
result is that the data wraps around to the
beginning of the current page (overwriting
data previously stored there), instead of
being written to the next page as might be
expected. It is therefore necessary for the
application software to prevent page write
operations that would attempt to cross a
page boundary.


Similar Part No. - 24LC1026T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC1026TE/P MICROCHIP-24LC1026TE/P Datasheet
464Kb / 30P
   1024K I2C Serial EEPROM
07/14/15
24LC1026TE/SM MICROCHIP-24LC1026TE/SM Datasheet
464Kb / 30P
   1024K I2C Serial EEPROM
07/14/15
24LC1026TE/SN MICROCHIP-24LC1026TE/SN Datasheet
464Kb / 30P
   1024K I2C Serial EEPROM
07/14/15
24LC1026TI/P MICROCHIP-24LC1026TI/P Datasheet
464Kb / 30P
   1024K I2C Serial EEPROM
07/14/15
24LC1026TI/SM MICROCHIP-24LC1026TI/SM Datasheet
464Kb / 30P
   1024K I2C Serial EEPROM
07/14/15
More results

Similar Description - 24LC1026T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA1025 MICROCHIP-24AA1025_11 Datasheet
447Kb / 28P
   1024K I2C??CMOS Serial EEPROM
2011
24AA1025 MICROCHIP-24AA1025_08 Datasheet
365Kb / 24P
   1024K I2C??CMOS Serial EEPROM
2008
24AA1025 MICROCHIP-24AA1025 Datasheet
366Kb / 22P
   1024K I2C??CMOS Serial EEPROM
2007
24LC1025 MICROCHIP-24LC1025 Datasheet
304Kb / 26P
   1024K I2C??CMOS Serial EEPROM
2010
24AA1026 MICROCHIP-24AA1026_15 Datasheet
464Kb / 30P
   1024K I2C Serial EEPROM
07/14/15
24AA1026 MICROCHIP-24AA1026_12 Datasheet
586Kb / 28P
   1024K I2C??Serial EEPROM
11/29/11
24AA1025 MICROCHIP-24AA1025_13 Datasheet
653Kb / 28P
   1024K I2C Serial EEPROM
11/29/12
24LC1025-IP MICROCHIP-24LC1025-IP Datasheet
447Kb / 28P
   1024K I2C??Serial EEPROM
2005-2012
24LC1025-I-SM MICROCHIP-24LC1025-I-SM Datasheet
447Kb / 28P
   1024K I2C??Serial EEPROM
2005-2012
24FC1025T-ISM MICROCHIP-24FC1025T-ISM Datasheet
447Kb / 28P
   1024K I2C Serial EEPROM
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com