Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC877264A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC877264A
Description  8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877264A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC877264A Datasheet HTML 1Page - Sanyo Semicon Device LC877264A Datasheet HTML 2Page - Sanyo Semicon Device LC877264A Datasheet HTML 3Page - Sanyo Semicon Device LC877264A Datasheet HTML 4Page - Sanyo Semicon Device LC877264A Datasheet HTML 5Page - Sanyo Semicon Device LC877264A Datasheet HTML 6Page - Sanyo Semicon Device LC877264A Datasheet HTML 7Page - Sanyo Semicon Device LC877264A Datasheet HTML 8Page - Sanyo Semicon Device LC877264A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
91400 RM (IM) SK No.6719-1/24
Ver.1.04
70899
Preliminary
Overview
The LC877264A, LC877256A and LC877248A are 8 bit single chip microcontrollers with the following on-chip functional
blocks :
- CPU: operable at a minimum bus cycle time of 100 ns
- On-chip ROM Maximum Capacity :
LC877264A
64K bytes
LC877256A
56K bytes
LC877248A
48K bytes
- On-chip RAM capacity: 2048 bytes
- LCD controller / driver
- 16 bit timer / counter (can be divided into two 8 bit timers)
- 16 bit timer / PWM (can be divided into two 8 bit timers)
- Timer for use as date / time clock
- Synchronous serial I/O port (with automatic block transmit / receive function)
- Asynchronous / synchronous serial I/O port
- 12-channel
× 8-bit AD converter
- Small signal detector
- 14-source 10-vectored interrupt system
All of the above functions are fabricated on a single chip.
8-Bit Single Chip Microcontroller with
64/56/48 KB ROM and 2048-Byte RAM On Chip
LC877264A/56A/48A
Ordering number : ENN*6719
CMOS IC


Similar Part No. - LC877264A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
More results

Similar Description - LC877264A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC876572A SANYO-LC876572A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
LC875064B SANYO-LC875064B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
   8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com