Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2923 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2923
Description  10A High Effi ciency DC/DC 關Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2923 Datasheet(HTML) 4 Page - Linear Technology

  LTC2923 Datasheet HTML 1Page - Linear Technology LTC2923 Datasheet HTML 2Page - Linear Technology LTC2923 Datasheet HTML 3Page - Linear Technology LTC2923 Datasheet HTML 4Page - Linear Technology LTC2923 Datasheet HTML 5Page - Linear Technology LTC2923 Datasheet HTML 6Page - Linear Technology LTC2923 Datasheet HTML 7Page - Linear Technology LTC2923 Datasheet HTML 8Page - Linear Technology LTC2923 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTM4600
4
4600fc
LOAD CURRENT (A)
0
50
60
70
6
4600 G02
40
30
24
8
80
90
100
10
0.6VOUT
1.2VOUT
1.5VOUT
2.5VOUT
3.3VOUT
Efficiency vs Load Current
with 5VIN (FCB = 0)
LOAD CURRENT (A)
0
100
90
80
70
60
50
40
30
6
4600 G01
24
810
0.6VOUT
1.2VOUT
1.5VOUT
2.5VOUT
Efficiency vs Load Current
with 12VIN (FCB = 0)
Efficiency vs Load Current
with 18VIN (FCB = 0)
LOAD CURRENT (A)
0
6
4600 G03
24
8
10
80
90
100
70
60
50
40
30
1.5VOUT
1.8VOUT
2.5VOUT
3.3VOUT
Efficiency vs Load Current
with Different FCB Settings
LOAD CURRENT (A)
20
50
40
30
90
80
70
60
4600 G04
0.1
10
1
FCB = GND
FCB > 0.7V
VIN = 12V
VOUT = 1.5V
1.2V Transient Response
1.5V Transient Response
1.8V Transient Response
2.5V Transient Response
3.3V Transient Response
25μs/DIV
4600 G05
1.2V AT 5A/μs LOAD STEP
COUT = 3 • 22μF 6.3V CERAMICS
470μF 4V SANYO POSCAP
C3 = 100pF
25μs/DIV
4600 G06
1.5V AT 5A/μs LOAD STEP
COUT = 3 • 22μF 6.3V CERAMICS
470μF 4V SANYO POSCAP
C3 = 100pF
25μs/DIV
4600 G07
1.8V AT 5A/μs LOAD STEP
COUT = 3 • 22μF 6.3V CERAMICS
470μF 4V SANYO POSCAP
C3 = 100pF
25μs/DIV
4600 G08
2.5V AT 5A/μs LOAD STEP
COUT = 3 • 22μF 6.3V CERAMICS
470μF 4V SANYO POSCAP
C3 = 100pF
25μs/DIV
4600 G09
3.3V AT 5A/μs LOAD STEP
COUT = 3 • 22μF 6.3V CERAMICS
470μF 4V SANYO POSCAP
C3 = 100pF
VOUT = 50mV/DIV
IOUT = 5A/DIV
(See Figure 18 for all curves)
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LTC2923

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2923 LINER-LTC2923 Datasheet
278Kb / 20P
   Power Supply Tracking Controller
LTC2923 LINER-LTC2923 Datasheet
574Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTC2923 LINER-LTC2923 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTC2923 LINER-LTC2923 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2923CDE LINER-LTC2923CDE Datasheet
278Kb / 20P
   Power Supply Tracking Controller
More results

Similar Description - LTC2923

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4600 LINER-LTM4600 Datasheet
356Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4600HV LINER-LTM4600HV Datasheet
374Kb / 24P
   10A, 28VIN High Effi ciency DC/DC 關Module
LTM4602 LINER-LTM4602 Datasheet
327Kb / 24P
   6A High Effi ciency DC/DC 關Module
LTM4605 LINER-LTM4605 Datasheet
281Kb / 24P
   High Effi ciency Buck-Boost DC/DC 關Module
LTM4602HV LINER-LTM4602HV Datasheet
329Kb / 24P
   6A, 28VIN High Effi ciency DC/DC 關Module
LTM4609 LINER-LTM4609 Datasheet
299Kb / 24P
   36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4607 LINER-LTM4607 Datasheet
317Kb / 24P
   36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
   High Effi ciency USB Power Manager Triple Step-Down DC/DC
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
logo
MicroPower Direct, LLC
MSR7805WUP MPD-MSR7805WUP Datasheet
1Mb / 4P
   Effi ciency to 95%
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com