Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL9101M Datasheet(PDF) 7 Page - Intersil Corporation

Part # ZL9101M
Description  Digital DC/DC PMBus 12A Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL9101M Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ZL9101M Datasheet HTML 3Page - Intersil Corporation ZL9101M Datasheet HTML 4Page - Intersil Corporation ZL9101M Datasheet HTML 5Page - Intersil Corporation ZL9101M Datasheet HTML 6Page - Intersil Corporation ZL9101M Datasheet HTML 7Page - Intersil Corporation ZL9101M Datasheet HTML 8Page - Intersil Corporation ZL9101M Datasheet HTML 9Page - Intersil Corporation ZL9101M Datasheet HTML 10Page - Intersil Corporation ZL9101M Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ZL9101M
7
FN7669.1
January 26, 2011
Thermal Protection Threshold
(Controller Junction Temperature)
Factory setting
125
°C
Configurable via I2C/SMBus
-40
125
°C
Thermal Protection Hysteresis
15
°C
NOTES:
9. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
10. Parameters with TYP limits are not production tested unless otherwise specified.
11. Parameters are 100% tested for internal controller prior to module assembly.
12. VOUT measured at the termination of the FB+ and FB- sense points.
13. The device requires a delay period following an enable signal and prior to ramping its output. Precise timing mode limits this delay period to
approximately 2ms, where in normal mode it may vary up to 4ms.
14. Precise ramp timing mode is only valid when using the EN pin to enable the device rather than PMBus enable.
15. The devices may require up to a 4ms delay following the assertion of the enable signal (normal mode) or following the de-assertion of the enable
signal.
16. Factory setting for Power Good delay is set to the same value as the soft-start ramp time.
17. Nominal capacitance of logic pins is 5pF.
Electrical Specifications VDD= 12 V, TA = -40°C to +85°C unless otherwise noted. Typical values are at TA = 25°C. Boldface limits apply
over the operating temperature range, -40°C to +85°C.
(Continued)
PARAMETER
CONDITIONS
MIN
(Note 9)
TYP
(Note 10)
MAX
(Note 9)
UNIT
Typical Performance Curves
FIGURE 2. EFFICIENCY, VIN = 6V
FIGURE 3. EFFICIENCY, VIN = 9V
FIGURE 4. EFFICIENCY, VIN = 12V
FIGURE 5. DYNAMIC RESPONSE, UNLOADING
60
65
70
75
80
85
90
95
100
02468
10
12
14
16
OUTPUT CURRENT (A)
VIN = 6V
fSW = 615kHz
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.2V
60
65
70
75
80
85
90
95
100
02468
10
12
14
16
OUTPUT CURRENT (A)
VIN = 9V
fSW = 615kHz
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.2V
60
65
70
75
80
85
90
95
100
02468
10
12
14
16
OUTPUT CURRENT (A)
VIN = 12V
fSW = 615kHz
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.2V
-5
0
5
10
15
20
25
30
35
0
0.1
0.20.3
0.40.5
0.60.7
0.80.9
1
VIN = 12V
VOUT = 1.2V
IOUT STEP = 12A to 6A
SLEW 2.5A/µs


Similar Part No. - ZL9101M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9101M INTERSIL-ZL9101M Datasheet
870Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101M INTERSIL-ZL9101M Datasheet
820Kb / 17P
   Digital DC/DC PMBus 12A Module
logo
Renesas Technology Corp
ZL9101M RENESAS-ZL9101M Datasheet
2Mb / 63P
   Digital DC/DC PMBus 12A Module
logo
Intersil Corporation
ZL9101M INTERSIL-ZL9101M Datasheet
1Mb / 67P
   Digital DC/DC PMBus 12A Module
February 12, 2015
ZL9101MAIRZ INTERSIL-ZL9101MAIRZ Datasheet
1Mb / 67P
   Digital DC/DC PMBus 12A Module
February 12, 2015
More results

Similar Description - ZL9101M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9101M_1104 INTERSIL-ZL9101M_1104 Datasheet
820Kb / 17P
   Digital DC/DC PMBus 12A Module
ISL28288 INTERSIL-ISL28288_11 Datasheet
995Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
1Mb / 67P
   Digital DC/DC PMBus 12A Module
February 12, 2015
logo
Renesas Technology Corp
ZL9101M RENESAS-ZL9101M Datasheet
2Mb / 63P
   Digital DC/DC PMBus 12A Module
logo
Intersil Corporation
ZL9101M INTERSIL-ZL9101M Datasheet
870Kb / 17P
   Digital DC/DC PMBus 12A Module
logo
Renesas Technology Corp
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
   Digital DC/DC PMBus 25A Module
ISL8271M RENESAS-ISL8271M Datasheet
2Mb / 57P
   Digital DC/DC PMBus 33A Module
logo
Intersil Corporation
ZL9117MIRZ INTERSIL-ZL9117MIRZ Datasheet
1Mb / 58P
   Digital DC/DC PMBus 17A Module
December 16, 2014
ISL8271MAIRZ INTERSIL-ISL8271MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 33A Module
December 18, 2014
ISL8270MAIRZ INTERSIL-ISL8270MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 25A Module
July 2, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com