Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC877248A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC877248A
Description  8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877248A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC877248A Datasheet HTML 1Page - Sanyo Semicon Device LC877248A Datasheet HTML 2Page - Sanyo Semicon Device LC877248A Datasheet HTML 3Page - Sanyo Semicon Device LC877248A Datasheet HTML 4Page - Sanyo Semicon Device LC877248A Datasheet HTML 5Page - Sanyo Semicon Device LC877248A Datasheet HTML 6Page - Sanyo Semicon Device LC877248A Datasheet HTML 7Page - Sanyo Semicon Device LC877248A Datasheet HTML 8Page - Sanyo Semicon Device LC877248A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LC877264A/56A/48A
No.6719-2/24
Features
(1) Read-Only Memory (ROM)
- 65536
× 8bits (LC877264A)
- 57344
× 8bits (LC877256A)
- 49152
× 8bits (LC877248A)
(2) Random Access Memory (RAM): 2048
× 9 bits (LC877264A, LC877256A, LC877248A)
(3) Minimum Bus Cycle Time: 100 ns (10 MHz)
Note: The bus cycle time indicates ROM read time.
(4) Minimum Instruction Cycle Time: 300 ns (10MHz)
(5) Ports
- Input/output ports
Data direction programmable for each bit individually :
26 (P1n, P30-P35, P70-P73, P8n)
Data direction programmable in nibble units :
8 (P0n)
(When N-channel open drain output is selected, data can be input in bit units.)
- Input ports :
2 (XT1,XT2)
- LCD ports
Segment output :
48 (S00-S47)
Common output :
4 (COM0-COM3)
Bias terminals for LCD driver
3 (V1-V3)
Other functions
Input/output ports :
48(PAn,PBn,PCn,PDn,PEn,PFn)
Input ports :
7 (PLn)
- Oscillator pins :
2 (CF1,CF2)
- Reset pin :
1 (RES )
- Power supply :
6 (VSS1-3,VDD1-3)
(6) LCD controller
- Seven display modes are available (static, 1/2, 1/3, 1/4 duty
× 1/2, 1/3 bias)
- Segment output and common output can be switched to general purpose input/output ports.
(7) Small signal detection (MIC signals etc)
- Counts pulses with the level which is greater than a preset value
- 2 bit counter
(8) Timers
- Timer 0: 16 bit timer / counter with capture register
Mode 0: 2 channel 8-bit timer with programmable 8 bit prescaler and 8 bit capture register
Mode 1: 8 bit timer with 8 bit programmable prescaler and 8 bit capture register + 8 bit
Counter with 8-bit capture register
Mode 2: 16 bit timer with 8 bit programmable prescaler and 16 bit capture register
Mode 3: 16 bit counter with 16 bit capture register
- Timer 1: PWM / 16 bit timer with toggle output function
Mode 0: 2 channel 8 bit timer (with toggle output)
Mode 1: 2 channel 8 bit PWM
Mode 2: 16 bit timer (with toggle output) Toggle output from lower 8 bits is also possible.
Mode 3: 16 bit timer (with toggle output) Lower order 8 bits can be used as PWM.


Similar Part No. - LC877248A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
More results

Similar Description - LC877248A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC876572A SANYO-LC876572A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
LC875064B SANYO-LC875064B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
   8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com