Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG10 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFG10
Description  NPN 2 GHz RF power transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG10 Datasheet(HTML) 3 Page - NXP Semiconductors

  BFG10 Datasheet HTML 1Page - NXP Semiconductors BFG10 Datasheet HTML 2Page - NXP Semiconductors BFG10 Datasheet HTML 3Page - NXP Semiconductors BFG10 Datasheet HTML 4Page - NXP Semiconductors BFG10 Datasheet HTML 5Page - NXP Semiconductors BFG10 Datasheet HTML 6Page - NXP Semiconductors BFG10 Datasheet HTML 7Page - NXP Semiconductors BFG10 Datasheet HTML 8Page - NXP Semiconductors BFG10 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1995 Aug 31
3
Philips Semiconductors
Product specification
NPN 2 GHz RF power transistor
BFG10; BFG10/X
THERMAL CHARACTERISTICS
Note
1. Ts is the temperature at the soldering point of the collector pin.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to
soldering point
up to Ts =60 °C; note 1;
Ptot = 400 mW
290
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
open emitter; IC = 0.1 mA
20
V
V(BR)CEO
collector-emitter breakdown voltage
open base; IC = 5 mA
8
V
V(BR)EBO
emitter-base breakdown voltage
open collector; IE = 0.1 mA
2.5
V
ICES
collector leakage current
VCE =5V; VBE =0
100
µA
hFE
DC current gain
IC = 50 mA; VCE =5V
25
Cc
collector capacitance
IE =ie = 0; VCB = 3.6 V; f = 1 MHz
3pF
Cre
feedback capacitance
IC = 0; VCE = 3.6 V; f = 1 MHz
2pF
Fig.2
Power derating curve
handbook, halfpage
0
50
100
200
200
0
MLC818
150
T ( C)
o
s
Ptot
(mW)
300
500
400
100
IC = 0; f = 1 MHz.
Fig.3
Collector capacitance as a function of
collector-base voltage; typical values.
handbook, halfpage
MLC819
010
48
2.0
0
1.5
6
1.0
0.5
C c
(pF)
VCB (V)
2


Similar Part No. - BFG10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG10 PHILIPS-BFG10 Datasheet
74Kb / 10P
   NPN 2 GHz RF power transistor
1995 Aug 31
BFG10 NXP-BFG10 Datasheet
257Kb / 11P
   NPN 2 GHz RF power transistor
Rev. 05-22 November 2007
BFG10 NXP-BFG10 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG10-X NXP-BFG10-X Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG10/X PHILIPS-BFG10/X Datasheet
74Kb / 10P
   NPN 2 GHz RF power transistor
1995 Aug 31
More results

Similar Description - BFG10

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG10X_2015 JMNIC-BFG10X_2015 Datasheet
65Kb / 10P
   NPN 2 GHz RF power transistor
logo
NXP Semiconductors
BFG10 NXP-BFG10 Datasheet
257Kb / 11P
   NPN 2 GHz RF power transistor
Rev. 05-22 November 2007
BFG11 PHILIPS-BFG11 Datasheet
79Kb / 12P
   NPN 2 GHz RF power transistor
1995 Apr 07
BFG10 PHILIPS-BFG10 Datasheet
74Kb / 10P
   NPN 2 GHz RF power transistor
1995 Aug 31
logo
Quanzhou Jinmei Electro...
BFG10X JMNIC-BFG10X_15 Datasheet
65Kb / 10P
   NPN 2 GHz RF power transistor
logo
NXP Semiconductors
BFG11W PHILIPS-BFG11W Datasheet
98Kb / 12P
   NPN 2 GHz power transistor
1996 Jun 04
logo
Weitron Technology
MMBTH10 WEITRON-MMBTH10_07 Datasheet
176Kb / 6P
   NPN 1.1 GHz RF Transistor
logo
NXP Semiconductors
BF689K PHILIPS-BF689K Datasheet
27Kb / 5P
   NPN 2 GHz wideband transistor
September 1995
BF763 PHILIPS-BF763 Datasheet
26Kb / 5P
   NPN 2 GHz wideband transistor
September 1995
logo
Quanzhou Jinmei Electro...
BFT25 JMNIC-BFT25_15 Datasheet
57Kb / 8P
   NPN 2 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com