Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS498 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS498
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS498 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS498 Datasheet HTML 1Page - Vectron International, Inc TFS498 Datasheet HTML 2Page - Vectron International, Inc TFS498 Datasheet HTML 3Page - Vectron International, Inc TFS498 Datasheet HTML 4Page - Vectron International, Inc TFS498 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 498.doc
Version 1.3
29.07.2004
VI TELEFILTER
Filter specification
TFS 498
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance:
Input:
200
Output:
200
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS 498 is the minimum of the pass band attenuation amin. The minimum of the pass band
attenuation amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3 dB
filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed at 498,00 MHz without any tolerance. The given values for both the
relative attenuation arel and the group delay ripple have to be achieved at the frequencies given below even if the centre frequency fc is shifted due to the
temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fc.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
3,2
max.
5,0
dB
(reference level)
Nominal frequency
fN
498,00 MHz
Centre frequency
fC
498,00** MHz
Passband
fN ± 8,4
MHz
Pass band ripple
2,0
dB
max.
3,0
dB
Relative attenuation
arel
fN
… fN ±
8,4
MHz
2,0
max.
3,0
dB
fN ±
30,0
MHz … fN ±
38,0
MHz
33,0
min.
28,0
dB
fN ±
38,0
MHz … fN ±
100,0
MHz
50,0
min.
40,0
dB
Operating temperature range
OTR
0 °C ... + 80°C
Storage temperature range
- 40 °C ... + 85°C
Temperature coefficient of frequency
TCf *
-37
ppm/K
*) at 40 °C operating temperature
Generated:
Checked / Approved:


Similar Part No. - TFS498

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS491A VECTRON-TFS491A Datasheet
164Kb / 5P
   Filter specification
TFS499A VECTRON-TFS499A Datasheet
88Kb / 5P
   VI TELEFILTER Filter specification
TFS499B VECTRON-TFS499B Datasheet
80Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS498

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com