Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFQ540 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFQ540
Description  NPN wideband transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFQ540 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFQ540_07 Datasheet HTML 1Page - NXP Semiconductors BFQ540_07 Datasheet HTML 2Page - NXP Semiconductors BFQ540_07 Datasheet HTML 3Page - NXP Semiconductors BFQ540_07 Datasheet HTML 4Page - NXP Semiconductors BFQ540_07 Datasheet HTML 5Page - NXP Semiconductors BFQ540_07 Datasheet HTML 6Page - NXP Semiconductors BFQ540_07 Datasheet HTML 7Page - NXP Semiconductors BFQ540_07 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2000 May 23
2
Philips Semiconductors
Product specification
NPN wideband transistor
BFQ540
FEATURES
• High gain
• High output voltage
• Low noise
• Gold metallization ensures
excellent reliability
• Low thermal resistance.
APPLICATIONS
• VHF, UHF and CATV amplifiers.
DESCRIPTION
NPN wideband transistor in a SOT89
plastic package.
PINNING
PIN
DESCRIPTION
1
emitter
2
collector
3
base
Fig.1 SOT89.
Marking code: N4.
page
12
3
Bottom view
MBK514
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−
20
V
VCES
collector-emitter voltage
RBE =0
−−
15
V
VEBO
collector-base voltage
open collector
−−
2V
IC
collector current (DC)
−−
120
mA
Ptot
total power dissipation
Ts ≤ 60 °C; note 1
−−
1.2
W
hFE
DC current gain
IC = 40 mA; VCE =8V; Tj =25 °C
100
120
250
fT
transition frequency
IC = 40 mA; VCE = 8 V; f = 1 GHz;
Tamb =25 °C
9
GHz
insertion power gain
IC = 40 mA; VCE =8V;
f = 900 MHz; Tamb =25 °C
12
13
dB
F
noise figure
IC = 40 mA; VCE =8V;
f = 900 MHz;
ΓS = Γopt
1.9
2.4
dB
s
21
2


Similar Part No. - BFQ540_07

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFQ540 JMNIC-BFQ540_15 Datasheet
67Kb / 8P
   NPN wideband transistor
BFQ540_2015 JMNIC-BFQ540_2015 Datasheet
67Kb / 8P
   NPN wideband transistor
More results

Similar Description - BFQ540_07

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFQ540 JMNIC-BFQ540_15 Datasheet
67Kb / 8P
   NPN wideband transistor
logo
NXP Semiconductors
BFG480W PHILIPS-BFG480W_15 Datasheet
390Kb / 16P
   NPN wideband transistor
1998 Oct 21
logo
Diodes Incorporated
BFR92A DIODES-BFR92A Datasheet
69Kb / 5P
   NPN WIDEBAND TRANSISTOR
DS30031 Rev. B-5
logo
NXP Semiconductors
BFG480W PHILIPS-BFG480W Datasheet
160Kb / 16P
   NPN wideband transistor
1998 Oct 21
BFQ540 PHILIPS-BFQ540 Datasheet
244Kb / 8P
   NPN wideband transistor
Rev. 04-25 September 2007
logo
Quanzhou Jinmei Electro...
BFG480W JMNIC-BFG480W_15 Datasheet
143Kb / 16P
   NPN wideband transistor
BFG480W_2015 JMNIC-BFG480W_2015 Datasheet
143Kb / 16P
   NPN wideband transistor
BFQ540_2015 JMNIC-BFQ540_2015 Datasheet
67Kb / 8P
   NPN wideband transistor
logo
NXP Semiconductors
BFQ540 NXP-BFQ540 Datasheet
238Kb / 8P
   NPN wideband transistor
Rev. 04-25 September 2007
BFC505 PHILIPS-BFC505 Datasheet
82Kb / 11P
   NPN wideband cascode transistor
1996 Oct 08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com