Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si8244CB-C-IS1 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # Si8244CB-C-IS1
Description  CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8244CB-C-IS1 Datasheet(HTML) 5 Page - Silicon Laboratories

  Si8244CB-C-IS1 Datasheet HTML 1Page - Silicon Laboratories Si8244CB-C-IS1 Datasheet HTML 2Page - Silicon Laboratories Si8244CB-C-IS1 Datasheet HTML 3Page - Silicon Laboratories Si8244CB-C-IS1 Datasheet HTML 4Page - Silicon Laboratories Si8244CB-C-IS1 Datasheet HTML 5Page - Silicon Laboratories Si8244CB-C-IS1 Datasheet HTML 6Page - Silicon Laboratories Si8244CB-C-IS1 Datasheet HTML 7Page - Silicon Laboratories Si8244CB-C-IS1 Datasheet HTML 8Page - Silicon Laboratories Si8244CB-C-IS1 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Si824x
Rev. 0.2
5
2. Electrical Specifications
Table 1. Electrical Characteristics1
4.5 V < VDDI < 5.5 V, VDDA = VDDB = 12 V or 15 V. TA = –40 to +125 °C. Typical specs at 25 °C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DC Specifications
Input-Side Power Supply
Voltage
VDDI
4.5
5.5
V
Driver Supply Voltage
VDDA, VDDB
Voltage between VDDA and
GNDA, and VDDB and GNDB
(See “6. Ordering Guide” )
6.5
24
V
Input Supply Quiescent
Current
IDDI(Q)
Si8241/44
2
3
mA
Output Supply Quiescent
Current
IDDA(Q),
IDDB(Q)
Current per channel
3.0
mA
Input Supply Active Current
IDDI
PWM freq = 500 kHz
2.5
mA
Output Supply Active Current
IDDO
PWM freq = 500 kHz
3.6
mA
Input Pin Leakage Current
IPWM
–10
+10
µA dc
Input Pin Leakage Current
IDISABLE
–10
+10
µA dc
Logic High Input Threshold
VIH
2.0
V
Logic Low Input Threshold
VIL
0.8
V
Input Hysteresis
VIHYST
400
450
mV
Logic High Output Voltage
VOAH,
VOBH
IOA, IOB = –1 mA
(VDDA
/VDDB)
— 0.04
——
V
Logic Low Output Voltage
VOAL, VOBL
IOA, IOB = 1 mA
0.04
V
Output Short-Circuit Pulsed
Sink Current
IOA(SCL),
IOB(SCL)
Si8241, Figure 2
0.5
A
Si8244, Figure 2
4.0
A
Output Short-Circuit Pulsed
Source Current
IOA(SCH),
IOB(SCH)
Si8241, Figure 3
0.25
A
Si8244, Figure 3
2.0
A
Output Sink Resistance
RON(SINK)
Si8241
5.0
Si8244
1.0
Output Source Resistance
RON(SOURCE)
Si8241
15
Si8244
2.7
Notes:
1. VDDA = VDDB = 12 V for 8 V UVLO and 10 V UVLO devices.
2. The largest RDT resistor that can be used is 220 k
.


Similar Part No. - Si8244CB-C-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8244 SILABS-SI8244 Datasheet
1Mb / 12P
   PERFORMANCE IMPROVEMENTS IN CLASS D AUDIO AMPLIFIERS
logo
Skyworks Solutions Inc.
SI8244 SKYWORKS-SI8244 Datasheet
2Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Revision 0.1 to Revision 0.2
More results

Similar Description - Si8244CB-C-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI824X SILABS-SI824X Datasheet
1Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
logo
Skyworks Solutions Inc.
SI824X SKYWORKS-SI824X Datasheet
2Mb / 30P
   CLASS D AUDIO DRIVER WITH PRECISION DEAD-TIME GENERATOR
Revision 0.1 to Revision 0.2
logo
International Rectifier
IRS20124S IRF-IRS20124S Datasheet
218Kb / 24P
   DIGITAL AUDIO DRIVER WITH DISCRETE DEAD-TIME AND PROTECTION
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Intersil Corporation
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
194Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
ISL6745A INTERSIL-ISL6745A Datasheet
197Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
logo
NXP Semiconductors
TDA8939TH PHILIPS-TDA8939TH Datasheet
99Kb / 21P
   Zero dead time Class-D 7.5 A power comparator
Rev. 01-22 April 2004
logo
Renesas Technology Corp
ISL6745A RENESAS-ISL6745A Datasheet
589Kb / 13P
   Improved Bridge Controller with Precision Dead Time Control
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
[Old version datasheet]   Half Bridge Gate Driver with Programmable Dead-Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com