Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS506 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS506
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS506 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS506 Datasheet HTML 1Page - Vectron International, Inc TFS506 Datasheet HTML 2Page - Vectron International, Inc TFS506 Datasheet HTML 3Page - Vectron International, Inc TFS506 Datasheet HTML 4Page - Vectron International, Inc TFS506 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 506.doc
Version 1.3
11.07.2006
VI TELEFILTER
Filter specification
TFS 506
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance:
Input:
50 Ω
Output:
50 Ω
Characteristics
Remark:
The maximum attenuation in the pass band is defined as the insertion loss ae. The nominal frequency fN is fixed at 506 MHz without any tolerance or limit.
The values of absolute attenuation aabs are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating
temperature range is included in the production tolerance scheme.
D a t a
typ. Value
tolerance / limit
Insertion loss within PB
ae
2,1
dB
max.
3,0
dB
Nominal frequency
fN
-
506
MHz
Passband
PB
24
MHz
Absolute attenuation
aabs
fN ±
80
MHz ...
fN ±
149
MHz
49
dB
min.
33,5
dB
fN +
149
MHz ...
fN +
300
MHz
50
dB
min.
45,0
dB
1
MHz …
200
MHz
53
dB
min.
50,0
dB
200
MHz … fN -
149
MHz
61
dB
min.
55,0
dB
Group delay ripple within PB
p-p
11
ns
max.
0,2
µs
IIP3
*
-
min.
36
dBm
Input power level
-
max.
10
dBm
Operating temperature range
OTR
-
- 10 °C ... + 75 °C
Storage temperature range
-
- 40 °C ... + 85 °C
Temperature coefficient of frequency
TCf **
-76
ppm/K
-
*
) fin1= fC - 14 MHz; fin2= fC – 14,4 MHz; Pin=0 dBm; fmeasurement1 = fC - 13,6 MHz; fmeasurement2 = fC - 14,8 MHz; The centre frequency fc is the arithmetic mean
value of the upper and lower frequencies at the 3 dB filter attenuation level relative to the insertion loss ae.
**)
f(Hz) =TCf(ppm/K) x(T-T0) x fTo (MHz)
Generated:
Checked / Approved:
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS506

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS500 VECTRON-TFS500 Datasheet
168Kb / 5P
   Filter specification
TFS500A VECTRON-TFS500A Datasheet
216Kb / 5P
   Filter specification
TFS500C VECTRON-TFS500C Datasheet
98Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS506

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com