Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC8904Q Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC8904Q
Description  Digital Audio Interface Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8904Q Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC8904Q Datasheet HTML 1Page - Sanyo Semicon Device LC8904Q Datasheet HTML 2Page - Sanyo Semicon Device LC8904Q Datasheet HTML 3Page - Sanyo Semicon Device LC8904Q Datasheet HTML 4Page - Sanyo Semicon Device LC8904Q Datasheet HTML 5Page - Sanyo Semicon Device LC8904Q Datasheet HTML 6Page - Sanyo Semicon Device LC8904Q Datasheet HTML 7Page - Sanyo Semicon Device LC8904Q Datasheet HTML 8Page - Sanyo Semicon Device LC8904Q Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Pin Functions
No. 5014-4/20
LC8904Q
No.
Symbol
I/O
Function
1
DOUT/V
O
EIAJ data and validity flag output
2
EMPHA
O
Emphasis monitor output (High: emphasis applied)
3
RC1
I
CR oscillator input
4
RC2
O
CR oscillator output
5
CCB/SUB
I
Microprocessor interface selection input (High: CCB, low: SUB)
6
DGND
Digital system ground
7
CLKMD
I
Clock output switching (High: 256fs, low: 128fs)
8
CLK
I
Clock switching input (High: 512fs, low: 384fs)
9
TEST1
I
Test pin (Must be tied low during normal operation.)
10
TEST2
I
Test pin (Must be tied low during normal operation.)
11
XMODE
I
Reset input
12
DVDD
Digital system power supply
13
NC
No connection
14
AVDD
Analog system power supply
15
R
I
VCO oscillator band adjustment input
16
AGND
Analog system ground
17
VIN
I
VCO free-running frequency setting input
18
VCO
O
PLL low-pass filter connection
19
DVDD
Digital system power supply
20
SBSY
O
CD subcode interface: block sync output
21
PW
O
CD subcode interface: data output
22
SFSY
O
CD subcode interface: frame sync output
23
SBCK
I
CD subcode interface: data read shift clock input
24
DGND
Digital system ground
25
DVDD
Digital system power supply
26
XIN
I
Crystal oscillator input
27
XOUT
O
Crystal oscillator output
28
CLKOUT1
O
VCO and crystal oscillator clock output
29
CLKOUT2
O
256fs or 128fs clock output (selected by CLKMD)
30
ERROR
O
Error mute output
31
DGND
Digital system ground
32
SUB1
O
Sampling frequency monitor output
33
SUB2
O
Sampling frequency monitor output
34
BCLK
O
Bit clock output
35
DATAOUT
O
Audio data output
36
LRCK
O
L/R clock output (High: left channel, low: right channel)
37
LD/DQSY
O
Microprocessor interface: subcode Q data sync output
38
SRDT
O
Microprocessor interface: data output when CCB/SUB is low (3-state output)
39
DO
O
Microprocessor interface: data output when CCB/SUB is high (High-level open drain output)
40
DI/SWDT
I
Microprocessor interface: data input
41
CE/XLAT
I
Microprocessor interface: chip enable/latch input
42
CL/SCLK
I
Microprocessor interface: clock input
43
DVDD
Digital system power supply
44
DIN1
I
Data input with built-in amplifier
45
DIN2
I
Data input with built-in amplifier
46
DIN3
I
Data input with built-in amplifier
47
DIN4
I
Data input with built-in amplifier
48
DGND
Digital system ground


Similar Part No. - LC8904Q

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8900KQ SANYO-LC8900KQ Datasheet
146Kb / 12P
   Digital Audio Interface Receiver
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8901Q SANYO-LC8901Q Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8902 SANYO-LC8902 Datasheet
291Kb / 14P
   Digital Audio Interface Receiver
LC8902Q SANYO-LC8902Q Datasheet
291Kb / 14P
   Digital Audio Interface Receiver
More results

Similar Description - LC8904Q

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com