Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP6840AILB-F Datasheet(PDF) 10 Page - Exar Corporation

Part # XRP6840AILB-F
Description  4.3A Supercapacitor Flash LED Driver with I2C
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6840AILB-F Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRP6840AILB-F Datasheet HTML 6Page - Exar Corporation XRP6840AILB-F Datasheet HTML 7Page - Exar Corporation XRP6840AILB-F Datasheet HTML 8Page - Exar Corporation XRP6840AILB-F Datasheet HTML 9Page - Exar Corporation XRP6840AILB-F Datasheet HTML 10Page - Exar Corporation XRP6840AILB-F Datasheet HTML 11Page - Exar Corporation XRP6840AILB-F Datasheet HTML 12Page - Exar Corporation XRP6840AILB-F Datasheet HTML 13Page - Exar Corporation XRP6840AILB-F Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
X
XR
RP
P6
68
84
40
0
4
4..3
3A
A S
Su
up
pe
errcca
ap
pa
acciitto
orr F
Flla
as
sh
h L
LE
ED
D D
Drriiv
ve
err w
wiitth
h II22C
C
© 2009 Exar Corporation
10/17
Rev. 1.0.0
APPLICATION INFORMATION
I2C SERIAL INTERFACE
REGISTERS
The XRP6840 has five serially programmable
data registers via the I²C interface. These
registers can be reset to ‘0’ through power on
reset or setting RESET_N, pin 6, to ‘0’. The
first register is for Device Address as shown in
Figure 3; it is activated by ‘28’ HEX (7-bit
format).
The
second
register,
STATUS1,
contains the control word for programming
operating modes, shutdown control, charge
pump modes and flash timeout. The third
register, STATUS2, contains the flash voltage
level, read back of the Flash Ready, and fault
conditions UVLO and over temperature. The
fourth register, LEDFLASH, controls individual
LED channels and current level in Flash Mode.
The
fifth
register,
LEDTORCH,
controls
individual LED channels and current level in
Torch Mode.
Register
B7
B6 B5 B4 B3 B2
B1
B0
Address
0
1
0
1
0
0
0
R/W
STATUS1
Flash
Torch
Mode
Flash
Torch
Mode
Shut
Down
Control
Gain
Gain
-
Flash
Timeout
Flash
Timeout
STATUS2
Flash
V
Flash
V
Flash
V
Flash
Ready
UVLO
Fault
Temp
Fault
0
0
LEDFLASH
LED1
LED2
LED3*
D2
D1
D0
-
-
LEDTORCH
LED1
LED2
LED3*
D3
D2
D1
D0
-
Table 1: XRP6840 I2C Registers Bit Map
* Not used for XRP6840B
STATUS1 Register
STATUS1 Register Bits B7, B6, B4 and B3
B7
B6
B4
B3
Operation Mode
0
1
0
0
High Efficiency Torch Mode
0
1
0
1
1X Torch Mode
0
1
1
0
1.5X Torch Mode
0
1
1
1
2X Torch Mode
1
0
0
0
Auto Gain Torch Mode
1
0
0
1
1X Torch Mode
1
0
1
0
1.5X Torch Mode
1
0
1
1
2X Torch Mode
1
1
0
0
Auto Gain Flash Mode
1
1
0
1
1X Flash Mode
1
1
1
0
1.5X Flash Mode
1
1
1
1
2X Flash Mode
Table 2: STATUS1 Register Operation Modes
STATUS1 Register Bit B5
This bit is used to save or reset the contents
of
STATUS1,
STATUS2,
LEDFLASH
and
LEDTORCH registers for the next I2C command
when RESET_N, pin 6, is ‘1’. If B5 is ‘1’ then
all bits in these registers will be saved.
Otherwise if B5 is ‘0’ then all bits will be reset
to ‘0’.
STATUS1 Register Bits B1 and B0
These two bits program the flash timeout
duration as follows:
B1
B0
Flash Duration
0
0
0.11s
0
1
0.22s
1
0
0.53s
1
1
1.10s
Table 3: Charge Pump Mode Selection
STATUS2 Register
Flash Mode Voltage Programming
VOUT_LIMIT in Flash Mode is regulated with 50mV
of hysteresis and is programmed through bits
B7, B6 and B5 of STATUS2 register as follows:
B7
B6
B5
Comment
0
0
0
4.55V
0
0
1
4.70V
0
1
0
4.85V
0
1
1
5.00V
1
0
0
5.15V
1
0
1
5.30V
1
1
0
5.45V
1
1
1
5.60V
Table 4: Flash Mode VOUT_LIMIT Settings
Bit B4
RDY bit is available for I2C read-back. This bit
is set to ‘1’ when VOUT > VOUT_LIMIT, and set to
‘0’ otherwise.
Fault mode read-back bits B3, B2
These bits are designed for 2 Fault Mode flags
and are also available for I2C read-back. Bits
3 and 2 are set to ‘1’ when UVLO and over
temperature
conditions
are
detected,
as
shown in Table 1.
LEDFLASH Register
LEDFLASH register, bits B7, B6 and B5 are
used to activate the LED outputs channels as
summarized in Table 1; they correspond to
LED1, LED2 and LED3.
Bits B4, B3 and B2


Similar Part No. - XRP6840AILB-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6840AILB-F EXAR-XRP6840AILB-F Datasheet
116Kb / 2P
   4.3A Super Capacitor Flash LED Driver with 12C
More results

Similar Description - XRP6840AILB-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6840 EXAR-XRP6840_10 Datasheet
116Kb / 2P
   4.3A Super Capacitor Flash LED Driver with 12C
logo
ON Semiconductor
CAT3224 ONSEMI-CAT3224 Datasheet
192Kb / 13P
   4 Amp Supercapacitor Flash LED Driver
December, 2009 ??Rev. 0
CAT3224HV3-GT2 ONSEMI-CAT3224HV3-GT2 Datasheet
289Kb / 14P
   4 Amp Supercapacitor Flash LED Driver
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
   Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
   1.2A Dual Flash LED Driver System with I2C Compatible
logo
Monolithic Power System...
EV3331-C-00A MPS-EV3331-C-00A Datasheet
576Kb / 7P
   2A Flash LED Driver With I2C Interface Evaluation Board
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
   2A, Synchronous Boost Flash LED Driver with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com