Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP6840AILBTR-F Datasheet(PDF) 8 Page - Exar Corporation

Part # XRP6840AILBTR-F
Description  4.3A Supercapacitor Flash LED Driver with I2C
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6840AILBTR-F Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRP6840AILBTR-F Datasheet HTML 4Page - Exar Corporation XRP6840AILBTR-F Datasheet HTML 5Page - Exar Corporation XRP6840AILBTR-F Datasheet HTML 6Page - Exar Corporation XRP6840AILBTR-F Datasheet HTML 7Page - Exar Corporation XRP6840AILBTR-F Datasheet HTML 8Page - Exar Corporation XRP6840AILBTR-F Datasheet HTML 9Page - Exar Corporation XRP6840AILBTR-F Datasheet HTML 10Page - Exar Corporation XRP6840AILBTR-F Datasheet HTML 11Page - Exar Corporation XRP6840AILBTR-F Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
X
XR
RP
P6
68
84
40
0
4
4..3
3A
A S
Su
up
pe
errcca
ap
pa
acciitto
orr F
Flla
as
sh
h L
LE
ED
D D
Drriiv
ve
err w
wiitth
h II22C
C
© 2009 Exar Corporation
8/17
Rev. 1.0.0
Fig. 11: 0.11s Flash Duration with 0.55F Supercap at 4.3A,
LED VF < 3.8V, CH1 = FLASH, CH2 = RDY, CH3 =VOUT,
CH4 = ILED =2A/div
Fig. 12: 0.22s Flash Duration with 0.9F Supercap at 4.3A,
LED VF < 3.8V, CH1 = FLASH, CH2 = RDY, CH3 =VOUT,
CH4 = ILED =2A/div
Fig. 13: 200mA High Efficiency Torch Mode with 0.55F
Supercap, CH1=VIN, CH2=VOUT, CH3=LEDX,
CH4=IVIN =0.5A/div
Fig. 14: 200mA Torch Mode with 0.55F Supercap, CH1=VIN,
CH2=VOUT, CH3=LEDX, CH4=IVIN =0.5A/div
Fig. 15: LED Current Settling Time: 0mA to 100mA.
CH1=SDA, CH2=SCL, CH4=ILED=0.1A/div
Fig. 16: LED Current Settling Time: 100mA to 200mA.
CH1=SDA, CH2=SCL, CH4=ILED=0.1A/div


Similar Part No. - XRP6840AILBTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6840AILB-F EXAR-XRP6840AILB-F Datasheet
116Kb / 2P
   4.3A Super Capacitor Flash LED Driver with 12C
More results

Similar Description - XRP6840AILBTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6840 EXAR-XRP6840_10 Datasheet
116Kb / 2P
   4.3A Super Capacitor Flash LED Driver with 12C
logo
ON Semiconductor
CAT3224 ONSEMI-CAT3224 Datasheet
192Kb / 13P
   4 Amp Supercapacitor Flash LED Driver
December, 2009 ??Rev. 0
CAT3224HV3-GT2 ONSEMI-CAT3224HV3-GT2 Datasheet
289Kb / 14P
   4 Amp Supercapacitor Flash LED Driver
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
   Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
   1.2A Dual Flash LED Driver System with I2C Compatible
logo
Monolithic Power System...
EV3331-C-00A MPS-EV3331-C-00A Datasheet
576Kb / 7P
   2A Flash LED Driver With I2C Interface Evaluation Board
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
   2A, Synchronous Boost Flash LED Driver with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com