Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP6840BILBTR-F Datasheet(PDF) 3 Page - Exar Corporation

Part # XRP6840BILBTR-F
Description  4.3A Supercapacitor Flash LED Driver with I2C
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6840BILBTR-F Datasheet(HTML) 3 Page - Exar Corporation

  XRP6840BILBTR-F Datasheet HTML 1Page - Exar Corporation XRP6840BILBTR-F Datasheet HTML 2Page - Exar Corporation XRP6840BILBTR-F Datasheet HTML 3Page - Exar Corporation XRP6840BILBTR-F Datasheet HTML 4Page - Exar Corporation XRP6840BILBTR-F Datasheet HTML 5Page - Exar Corporation XRP6840BILBTR-F Datasheet HTML 6Page - Exar Corporation XRP6840BILBTR-F Datasheet HTML 7Page - Exar Corporation XRP6840BILBTR-F Datasheet HTML 8Page - Exar Corporation XRP6840BILBTR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
X
XR
RP
P6
68
84
40
0
4
4..3
3A
A S
Su
up
pe
errcca
ap
pa
acciitto
orr F
Flla
as
sh
h L
LE
ED
D D
Drriiv
ve
err w
wiitth
h II22C
C
© 2009 Exar Corporation
3/17
Rev. 1.0.0
Parameter
Min.
Typ.
Max.
Units
Conditions
Channel to Channel Current
Matching
-3
3
%
0mA < ILED < 1.6A Per Channel, Note 3
Switching Frequency
2.0
2.4
2.8
MHz
Equivalent Resistance, 1X Mode
0.5
VIN = 3.7V, IOUT = 200mA
Equivalent Resistance, 1.5X
Mode
4
7
VIN = 3.2V, VOUT < VOUT_LIMIT,
IOUT = 200mA, Equivalent resistance =
[(VIN x 1.5) - VOUT] / IOUT
LEDx Pin Dropout Voltage
0.36
V
Flash mode, VIN = 3.4V, ILED = 1A,
Measure LED current at 95% ILEDX-NOMINAL
at VLEDX=0.8V
LEDx Pin Dropout Voltage
0.1
V
Torch mode, VIN = 3.4V, ILED = 80mA,
Measure LED current at 95% ILEDX-NOMINAL
at VLEDX=0.8V
LED Short Detect Threshold
0.1
0.2
0.4
V
VOUT – VLED, LED = 0mA for all DAC code
Thermal Regulation
0.01
%/oC
Thermal Shutdown Temperature
150
oC
Driver turn OFF
Thermal Shutdown Hysteresis
10
oC
Driver turn ON
Output Voltage Regulation (OVR)
5.2
5.3
5.4
V
Flash Mode, ILED = 0mA, VOUT Rising
STATUS2 Register: [B7 B6 B5] = 101
OVR value is set by STATUS2 register
between 4.55V – 5.6V, all setting have
+/- 100mV tolerance
Output Voltage Regulation
Hysteresis
50
mV
Flash Mode, ILED = 0mA
RDY Pin Output Trip Threshold
VO – 0.1
V
STATUS2 Register: [B7 B6 B5] = 101
100mV below actual OVR value.
RDY Pin Sink Current
1
mA
SDA, SCL, RESET_N, FLASH
Input Logic Low Voltage
0.4
V
SDA, SCL, RESET_N, FLASH
Input Logic High Voltage
1.6
V
Turn-Off Time (TOFF) Into
Shutdown
50
µs
RDY goes low when RESET_N goes from
high top low
Flash Time Duration Before
Standby
0.09
0.11
0.13
s
STATUS1 register [B1 B0]=00
0.18
0.22
0.26
s
STATUS1 register [B1 B0]=01
0.43
0.53
0.63
s
STATUS1 register [B1 B0]=10
0.9
1.1
1.3
s
STATUS1 register [B1 B0]=11
I2C SPECIFICATIONS
I2C ADDRESSING FORMAT
S
XRP6840
Address
R/W
A
Status
Data
A
LED1 Data
A
LED2 Data
A
LED3 Data
A
SP
7-bit
1/0
8-bit
8-bit
8-bit
8-bit
Fig. 2: I2C Data Input Format
Start Condition
Acknowledgement
sent by the slave
Acknowledgement
- sent by the slave when R/W =0
- sent by master when R/W =1
Stop Condition


Similar Part No. - XRP6840BILBTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6840AILB-F EXAR-XRP6840AILB-F Datasheet
116Kb / 2P
   4.3A Super Capacitor Flash LED Driver with 12C
XRP6840 EXAR-XRP6840_10 Datasheet
116Kb / 2P
   4.3A Super Capacitor Flash LED Driver with 12C
More results

Similar Description - XRP6840BILBTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6840 EXAR-XRP6840_10 Datasheet
116Kb / 2P
   4.3A Super Capacitor Flash LED Driver with 12C
logo
ON Semiconductor
CAT3224 ONSEMI-CAT3224 Datasheet
192Kb / 13P
   4 Amp Supercapacitor Flash LED Driver
December, 2009 ??Rev. 0
CAT3224HV3-GT2 ONSEMI-CAT3224HV3-GT2 Datasheet
289Kb / 14P
   4 Amp Supercapacitor Flash LED Driver
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
   Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
   1.2A Dual Flash LED Driver System with I2C Compatible
logo
Monolithic Power System...
EV3331-C-00A MPS-EV3331-C-00A Datasheet
576Kb / 7P
   2A Flash LED Driver With I2C Interface Evaluation Board
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
   2A, Synchronous Boost Flash LED Driver with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com