Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC89080 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC89080
Description  Video Signal 3-Channel 8-Bit D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89080 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC89080 Datasheet HTML 1Page - Sanyo Semicon Device LC89080 Datasheet HTML 2Page - Sanyo Semicon Device LC89080 Datasheet HTML 3Page - Sanyo Semicon Device LC89080 Datasheet HTML 4Page - Sanyo Semicon Device LC89080 Datasheet HTML 5Page - Sanyo Semicon Device LC89080 Datasheet HTML 6Page - Sanyo Semicon Device LC89080 Datasheet HTML 7Page - Sanyo Semicon Device LC89080 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LC89080 Operation
The LC89080 and LC89080Q include three current-matrix D/A converters on chip. These D/A converters each have 63
basic current cells (with current weight I) and two weighted current cells (I/2 and I/4). These current cells are turned on
or off according to the input digital code (a binary code). The sum of these currents is output to the output pins (IO and
IOB) and the output current is converted to a voltage by the output resistor (RO) to acquire the analog output. The table
shows the ideal relationship between the digital input and the analog output when VREFIN is 1 V.
Sample Application Circuit: LC89080
No. 4030-5/8
LC89080, 89080Q
Digital input code
Analog output voltage
D1
D2
D3
D4
D5
D6
D7
D8
IO
IOB
MSB
LSB
(positive output)
(negative output)
0
0
0
0
0
0
0
0
0
0.996
0
0
0
0
0
0
0
1
0.004
0.992
0
0
0
0
0
0
1
0
0.008
0.988
0
1
1
1
1
1
1
1
0.496
0.500
1
0
0
0
0
0
0
0
0.500
0.496
1
1
1
1
1
1
0
1
0.988
0.008
1
1
1
1
1
1
1
0
0.992
0.004
1
1
1
1
1
1
1
1
0.996
0


Similar Part No. - LC89080

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89086M SANYO-LC89086M Datasheet
61Kb / 6P
   8 Bit A/D Converter
More results

Similar Description - LC89080

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
   1 CHANNEL 8-BIT VIDEO A/D CONVERTER
MB40558 FUJITSU-MB40558 Datasheet
85Kb / 8P
   1 CHANNEL 8-BIT VIDEO A/D CONVERTER
logo
Rohm
BU3616K ROHM-BU3616K Datasheet
56Kb / 5P
   3-channel, 8-bit D / A converter
logo
Fujitsu Component Limit...
MB40988 FUJITSU-MB40988 Datasheet
363Kb / 11P
   3-Channel 8-Bit D/A Converter
MB40958 FUJITSU-MB40958 Datasheet
148Kb / 11P
   3-Channel 8-Bit D/A Converter
logo
Rohm
BU3618K ROHM-BU3618K Datasheet
63Kb / 6P
   3-channel 8-bit D / A converter
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
   8-Bit RGB video d/a converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
   8-Bit, 50MHz Video A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com