Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC-49U Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # HC-49U
Description  HIGH RELIABILITY FOR LOW COST
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

HC-49U Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  HC-49U Datasheet HTML 1Page - PETERMANN-TECHNIK HC-49U Datasheet HTML 2Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Crystals / Quarze HC-49/U
- HIGH RELIABILITY FOR LOW COST
- EXTENDED TEMPERATURE RANGE TO -40/+125°C
TYPE
STANDARD
OPTION
SMD-VERSION
STANDARD
OPTION
FREQUENCY
1.8432 ~ 40.000 MHz
20.0 ~ 40.0 MHz
23.0 ~ 100.0 MHz
60.0 ~ 150.0 MHz
120.0 ~ 200.0 MHz
MODE OF VIBRATION
AT-FUNDAMENTAL BT-FUNDAMENTAL
3rd OVERTONE
5th OVERTONE
7th OVERTONE
RESONANCE RESISTANCE
800 ~ 20
Ω MAX.
30
Ω MAX.
80
Ω MAX.
80
Ω MAX.
100
Ω MAX.
FREQUENCY TOLERANCE AT 25°C
TEMPERATURE RANGE
+-3 PPM
+-5 PPM
+-10 PPM
TEMPERATURE
+-15 PPM
STABILITY
+-20 PPM
+-30 PPM
+-50 PPM
+-100 PPM
LOAD CAPACITANCE
SHUNT CAPACITANCE
DRIVE LEVEL
AGING
INSULATION RESISTANCE
STORAGE TEMPERATURE
DELIVERY FORM FOR
STANDARD
LEADED VERSION
OPTION
DELIVERY FORM FOR SMD-VERSION
INSULATOR FOR
STANDARD
LEADED VERSION
OPTION
CUTTED LEADS
PART NUMBERING SYSTEM
EXAMPLE
HC-49/U FOR TYPE WITH 2 LEADS
HC-49/3U FOR TYPE WITH 3 LEADS
HC-49/U-SMD FOR SMD-VERSION
BLANK FOR 13.46 MM
10.7 FOR 10.7 MM
FREQUENCY
REQUIRED VALUE
FREQUENCY TOL. AT 25°C
REQUIRED VALUE
TEMPERATURE STABILITY
REQUIRED VALUE
REQUIRED VALUE
LOAD CAPACITANCE
REQUIRED VALUE
BLANK FOR BULKS
T FOR TAPE AND REEL
BLANK = WITHOUT INSULATOR
I = WITH INSULATOR
TEMPERATURE RANGE
0+50°C
0+50°C / -10/+60°C / 0/+70°C / -20/+70°C / -40/+85°C
0+50°C / -10/+60°C / 0/+70°C / -20/+70°C / -40/+85°C
0+50°C / -10/+60°C / 0/+70°C / -20/+70°C / -40/+85°C
0+50°C / -10/+60°C / 0/+70°C -20/+70°C
0+50°C / -10/+60°C / 0/+70°C / -20/+70°C / -40/+85°C / -40/+125°C
0+50°C / -10/+60°C / 0/+70°C / -20/+70°C / -40/+85°C / -40/+125°C
8 ~ 50 PF OR SERIES
7 PF MAX.
- QUALIFIED FOR QUOTMOTIVE APPLICATIONS
HC-49/U
13.46 MM
10.7 MM
NUMBER OF LEADS
2 LEADS
AVAILABLE WITH BENT LEADS AND METAL JACKET
100 µW typical
(0.01 mW ~ 2 mW possible)
+-3 ~ +-5 PPM PER YEAR
>500 M
Ω DC/100V +-10%
TAPE AND REEL (1.000 PCS PER REEL)
BULKS
0+50°C / -10/+60°C / 0/+70°C / -20/+70°C
WITHOUT INSULATOR
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
TAPE AND REEL
AVAILABLE ON REQUEST
WITH INSULATOR
TYPE
DELIVERY FORM
INSULATOR
PACKAGE HEIGHT
HC-49/U 27.000 MHz 30/50/-40+125/20pF/T/I
- EXCELLENT CLOCK SIGNAL GENERATUR FOR CPU'S
http://www.petermann-technik.de | info@petermann-technik.de
PACKAGE HEIGHT
+-10 PPM ~ +-50 PPM
0/+50°C ~ -40/+125°C
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
-55/+125°C
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
3 LEADS
PETERMANN
TECHNIK
Time & Frequency Components


Similar Part No. - HC-49U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC-49U ETC-HC-49U Datasheet
54Kb / 2P
   Tape and Reel, insulator tab,3-lead,and custom lead length options available
logo
MTRONPTI
HC-49U MTRONPTI-HC-49U Datasheet
261Kb / 1P
   Surface Mount Crystals
HC-49U MTRONPTI-HC-49U Datasheet
257Kb / 2P
   Surface Mount Crystals
logo
List of Unclassifed Man...
HC-49U ETC2-HC-49U Datasheet
207Kb / 1P
   MONOLITHIC CRYSTAL FILTER
logo
AEL Crystals Ltd
HC-49U AEL-HC-49U Datasheet
134Kb / 1P
   Standard Height Crystal
More results

Similar Description - HC-49U

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com