Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2500 Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # M2500
Description  HIGH RELIABILITY FOR LOW COST
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

M2500 Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  M2500 Datasheet HTML 1Page - PETERMANN-TECHNIK M2500 Datasheet HTML 2Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
- HIGH RELIABILITY FOR LOW COST
- FREQUENCY STABILITY TO +-15 PPM
- JITTER OPTIMIZED DIP 14 CLOCK OSCILLATOR
- EXCELLENT CLOCK SIGNAL GENERATOR FOR DSP'S AND CPU'S
SERIES
PACKAGE
FREQUENCY STABILITY
AGING
OPERATING TEMPERATURE RANGE
STORAGE TEMPERATURE RANGE
VOLTAGE
STANDARD
OPTION
RISE AND FALL TIME HCMOS
RISE AND FALL TIME TTL
"0" LEVEL
"1" LEVEL
"0" LEVEL
"1" LEVEL
TTL
HCMOS
STANDARD
OPTION
PIN 1 INPUT
PIN 8 OUTPUT
2.0V MIN. OR NOT CONNECTED
OSCILLATION
0.8V MAX. OR GND
HIGH IMPEDANCE
PIN CONNECTION
START-UP TIME
PERIOD JITTER RMS
PART NUMBERING SYSTEM
EXAMPLE
SERIES
M2500
BLANK FOR 100 PPM
ANY 50 ~ 15 PPM
BLANK FOR 0/+70°C
N = -10/+60°C
M = -20/+70°C
W = -40/+85°C
BLANK FOR 40/60%
S FOR 45/55%
PIN 1
BLANK FOR NO E/D
ENABLE/DISABLE
E FOR E/D
BLANK FOR DIP
G FOR GULL WING
REQUIRED FREQUENCY
LOAD
OUTPUT
10% VDD max.
90% VDD min.
SYMMETRY
HCMOS 5.0 VOLT
TTL 5.0 VOLT
40/60%
45/55%
10 ns max. (10% VDD ~ 90% VDD)
- EXTENDED TEMPERATURE RANGE TO -40/+85°C
CURRENT
INPUT
+5.0 VDC +-10%
-55/+125°C
FREQUENCY RANGE
32.768 kHz ~ 125.0 MHz
30 mA max. < 24.0 MHz
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
PIN CONFIGURATION
FREQUENCY
PIN 1
SYMMETRY
FREQUENCY STABILITY
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
M2500-25-W-S-E-G-125.0MHz
TRISTATE LOGIC TABLE
TEMPERATURE RANGE
40 mA max. < 50.0 MHz
80 mA max. < 125 MHz
+-15 ~ +-100 ppm
M2500
14 PIN DIP
60 mA max. < 80.0 MHz
+-5 ppm after first year
0/+70°C ~ -40/+85°C
10 ns max. (0.4V ~ 2.4V)
10 ms max.
8 ps max.
SEE OUTLINE DRAWINGS
10 TTL
15 pF
WITHOUT ENABLE/DISABLE FUNCTION
WITH ENABLE/DISABLE FUNCTION
0.4 V max.
2.4 V min.
PETERMANN
TECHNIK
Time & Frequency Components


Similar Part No. - M2500

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M250023TCN MTRONPTI-M250023TCN Datasheet
124Kb / 3P
   SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M250024TCN MTRONPTI-M250024TCN Datasheet
124Kb / 3P
   SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M250026TCN MTRONPTI-M250026TCN Datasheet
124Kb / 3P
   SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M250028TCN MTRONPTI-M250028TCN Datasheet
124Kb / 3P
   SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M250063TCN MTRONPTI-M250063TCN Datasheet
124Kb / 3P
   SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
More results

Similar Description - M2500

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com