Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1357L Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # F1357L
Description  HIGH RELIABILITY FOR LOW COST
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

F1357L Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  F1357L Datasheet HTML 1Page - PETERMANN-TECHNIK F1357L Datasheet HTML 2Page - PETERMANN-TECHNIK F1357L Datasheet HTML 3Page - PETERMANN-TECHNIK F1357L Datasheet HTML 4Page - PETERMANN-TECHNIK F1357L Datasheet HTML 5Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
- HIGH RELIABILITY FOR LOW COST
- WIDE FREQUENCY RANGE
SAW-FILTER FOR TV-IF
NO.
MODEL
fp/fs (MHz)
SYSTEM
PACKAGE
NO.
MODEL
fp/fs (MHz)
SYSTEM
PACKAGE
1
F1026S
38/31.5-32.5
D.G.I
TO-8
48
D38-8
38/3.5-32.5
D.K
TO-5
2
F1036C
38/31.5-32.5
(B)D.G.I
TO-8
49
D38.9P
38.9/33.4
B.G
SF-915
3
F1036F
38/31.5-32
D.I
TO-8
50
D2952B
38.9/32.4-33.4
D.K.B.G
TO-8
4
F1036H
38/31.5-32.5
D.I.B.G
TO-8
51
F51LM
58.75/54.25
M.N
TO-5
5
F1036FH
38/31.5-32.5
D.I.B.G
SF-915
52
N38.9
38.9/32.9-33.4
B.G
TO-5
6
F1036V
38/31.5
D.K
TO-8
53
N45.75S
47.75/41.25
M.N
TO-5
7
F1036W
38/31.5-32.5
D.I.B.G
TO-8
54
D36.9MB
36.875/31.375
B.G
TO-5
8
F1046
38/31.5
D.K.B.G
SF-915
55
D39.5
39.5/33.5
H.I
TO-5
9
F1034
38.9/33.4
B.G
TO-8
56
D58MM
58.75/54.25
M.N
TO-5
10
F1037C
38.9/33.4
B.G
TO-8
57
D58
58.75/54.25
M.N
TO-8
11
F1814D
38.9/33.4
B.G
TO-8
58
D58M
58.75/54.25
M.N
S-6BA
12
F1032
45.75/41.25
M.N
TO-8
59
F1032B
45.75/41.25
M.N
TO-8
13
D45.75B
45.75/41.25
M.N
TO-5
60
N38T14
38/31.5
D.K
TO-8
14
D45
45.75/41.25
M.N
SF-915
61
N38-76
38/31.5
D.K
TO-8
15
F1806B
38/31.5-32.5
D.G.I.M
T-4
62
N38-78
38/31.5
D.K
TO-8
16
F1806D
38/31.5-32.5
D.G.I
T-4
63
LBN38-84
38/31.5
D.K
TO-8
17
F1806E
38/31.5-32.5
B.G.D.I
T-4
64
LBN38-86
38/31.5-32.5
D.K
TO-8
18
D3832
38/31.5-32.5
D.K.B.G.I
T-4
65
X6966M
38/31.5
D.K
SF-915
19
F5323
38/31.5
D.K
SF-915
66
K2956
38/31.5.32.5
D.K
TO-8
20
F1332L
38/31.5
D.K
TO-5
67
M1958
45.75/41.25
M.N
TO-8
21
F1333L
38/31.5
D.K
TO-5
68
K6283K
38/31.5-32.5
D.K.M.N
T-4
22
F1357L
38/31.5-32.5
D.K.B.G
TO-5
69
K3760K
38/31.5-32.5
D.K.M.N
T-4
23
F3826C
38/31.5-32.0
D.K.I
TO-5
70
K3865N
38/31.5-32.5
D.K.B.G
T-4
24
SF1311
38.9/32.9
H.I
TO-8
71
K6265K
38/31.5-32.5
D.K.M.N
DIP10K
25
K2957
38/31-32.5
D.K.B.G.I
SF-915
72
K6268K
38/31.5-32.5
D.K.M.N
DIP10K
26
D38S
38/31.5
D.K
TO-8
73
K3351K
38/31.5-32.5
D.K.M.N
DIP10K
27
D38V
38/31.5
D.K
TO-8
74
D2959J
38/31.5-32.5
D.K
TO-8
28
D1952
38/31.5
D.K.
SIP5L
75
K2559J
38/31.5-32.5
D.K
TO-8
29
D1954
38/31.5
D.K
TO-8
76
G1872M
38.9/32.4
B.G
SF-915
30
D1954B
38/31.5-32
D.K.I
TO-8
77
K2966M
38.9/32.4-33.4
B.G
S-6BA
31
K3955
38/31.5-32.5
D.K.B.G
TO-8
78
F1339A
38.9/32.4-33.4
B.G
TO-5
32
K9351
38/31.5-32.5
D.K.B.G
S-6BA
79
D45U
45.75/41.25
M.N
TO-5
33
K9352
38/31.5-32.5
D.K.B.G
TO-8
80
F812GSL
45.75
N
S-6B
34
K1905M
38/31.5
D.K
SF-915
81
F811GSL
58.75
N
S-6B
35
D2959
38/31.5-32.5
D.K.B.G
TO-5
82
N3801
38/31.5
D.K
TO-5
36
D2959B
38/31.5-32.5
D.K.B.G
TO-8
83
N3801A
38/31.5
D.K
TO-5
37
K2950M
38.9/32.4
D.K.B.G
SF-915
84
N3802
38/31.5
D.K
TO-5
38
K2955M
38.9/32.4-33.4
D.K.B.G
SF-915
85
N3803
38/31.5
D.K
TO-5
39
K2960M
38.9/32.4-33.4
D.K.B.G
SF-915
86
N3804
38/31.5
D.K
TO-5
40
N38.9K
38.9/32.4
B.G
TO-8
87
N38.9
38.9/32.4-33.4
B.G
TO-5
41
M3915M
45.75/41.25
M.N
SF-915
88
N38.9A
38.9/32.4
B.G
TO-5
42
M1865
45.75/41.25
M.N
S-6BA
89
N38.9
38.9/32.9
H.I
TO-5
43
M1967
45.75/41.25
M.N
S-6BA
90
N39.5
39.5/33.5
H.I
TO-5
44
K2972
38/31.5-32.5
D.K.B.G
SF-915
91
N40.2
40.2/34.7
B.G
TO-5
45
K2972M
38/31.5-32.5
D.K.B.G
TO-8
92
N45.75
45.75/41.25
M.N
TO-5
46
K2974
38/31.5-32.5
D.K
TO-8
93
N45.75A
45.75/41.25
M.N
TO-5
47
D38-8
38/3.5-32.5
D.K
TO-5
94
N45.75B
45.75/41.25
M.N
TO-5
- EXCELLENT ATTENUATION BEHAVIOUR
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Other parameters and packages are available on request
Other parameters and packages are available on request
http://www.petermann-technik.de | info@petermann-technik.de
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
PETERMANN
TECHNIK
Time & Frequency Components


Similar Part No. - F1357L

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F135 FOX-F135 Datasheet
492Kb / 2P
   HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F135 FOX-F135 Datasheet
492Kb / 2P
   HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F135-25 FOX-F135-25 Datasheet
492Kb / 2P
   HCMOS 2.0x1.6mm 3.3V SMD Oscillator
logo
Renesas Technology Corp
F1350 RENESAS-F1350 Datasheet
1Mb / 31P
   DPD Demodulator for PA Linearization 550MHz to 1150MHz
February 7, 2022
F1350 RENESAS-F1350 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
More results

Similar Description - F1357L

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com