Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KX10M7A Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # KX10M7A
Description  HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

KX10M7A Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  KX10M7A Datasheet HTML 1Page - PETERMANN-TECHNIK KX10M7A Datasheet HTML 2Page - PETERMANN-TECHNIK KX10M7A Datasheet HTML 3Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
CRYSTAL FILTERS / QUARZFILTER
- HIGH RELIABILITY FOR LOW COST
- NARROW BANDWITH
- SMALL SMD CERAMIC PACKAGE 7 x 5 x 1.4 mm³ MAX.
- EXCELLENT VIBRATION AND SHOCK RESISTANCE OF SMD-VERSIONS
MODEL
Ripple (dB) Terminating
Pacakge
Impedance
3 dB
6dB
15 dB 17 dB 18 dB 40 dB 60 dB
80 dB
k
Ω//pF
KX10M7A
10.7
+-3.75
-18
1.5
0.5
1.8//5.0
HC-49/U
KX10M15A
10.7
+-7.5
-25
2
1
3.0//2.0
HC-49/U
KX10M15A1
10.7
+-7.5
-25
2
1
3.0//2.0
HC-49/T
KX10M15A2
10.7
+-7.5
-25
2
1
3.0//2.0
11.1x47x9
KX10M15B
10.7
+-7.5
-25
2.5
1
3.0//1.0
(HC49/U)X2
KX10M15B1
10.7
+-7.5
-25
2.5
1
3.0//1.0
(HC49/T)X2
KX10M15C
10.7
+-7.5
+-22.5
3
2
3.0//1.0
M-3
KX10M15D
10.7
+-7.5
-15
+-20
4
2
3.0//1.0
M-4
KX16M15A
16.9
+-7.5
-30
2.5
1
3.0//1.0
HC-49/T
KX17M15A
17.9
+-7.5
-30
2
0.5
3.0//1.0
KF-UM1
KX21M15A
21.4
+-7.5
-25
1.5
0.5
1.5//2.5
KF-UM5
KX2M15A1
21.4
+-7.5
-25
1.5
0.5
1.5//2.5
KF-UM1
KX21M15B
21.4
+-7.5
-25
2
1
1.5//2.5
(UM-1)X2
KX27M15C
21.4
+-7.5
+-22.5
3
2
1.5//2.5
M-1
KX45M15A
45
+-7.5
-28
2
1
4.0//-1.5
KF-UM1
KX45M15B
45
+-7.5
-30
3
1
4.0//-1.5
KF-UM1
KX70M15A
70
+-7.5
-28
2
1
2.0//-1.0
KF-UM1
KX70M15B
70
+-7.5
-30
3
1
2.0//-1.0
KF-UM1
S17M15A
17.9
+-7.5
+-24
2
0.75
1.75//-1.7
SMD
S21M7.5A
21.4
+-3.75
+-15
2
1
0.87//6.0
SMD
S21M15A
21.4
+-7.5
+-25
1.5
0.5
1.5//2.5
SMD
S21.7M7.5A
21.7
+-3.75
+-15
2
1
0.87//6.0
SMD
S21.7M15A
21.7
+-7.5
+-25
1.5
0.5
1.5//2.5
SMD
S45M15A
45
+-7.5
+-25
2
1
0.56//6.0
SMD
S45M30A
45
+-15
+-50
2
1
1.2//1.5
SMD
PART NUMBERING SYSTEM
EXAMPLE
- LOW INSERTION LOSS
http://www.petermann-technik.de | info@petermann-technik.de
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
FREQUENCY
IN MHz
Pass band
width (kHz)
- A LOT OF DIFFERENT PACKAGES ARE AVAILABLE FOR EACH REQUIREMENT
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
Leaded Versions = Indicate only model number
TYPE
SMD-Version = Indicate model number and required poles (2 or 4 poles)
Guaranteed Attenuation
65 dB for the models S17M15A, S21M7.5A, S21M15A, S21.7M7.5A, S21.7M15A, S45M30A
60 dB for the model S45M15A
S45M30A-2
Insertion
Loss (dB)
Attenuation Band width (kHz)
PETERMANN
TECHNIK
Time & Frequency Components


Similar Part No. - KX10M7A

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KX10N60F KEXIN-KX10N60F Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - KX10M7A

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com