Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KX21M15A Datasheet(PDF) 2 Page - PETERMANN-TECHNIK

Part # KX21M15A
Description  HIGH RELIABILITY FOR LOW COST NARROW BANDWITH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

KX21M15A Datasheet(HTML) 2 Page - PETERMANN-TECHNIK

  KX21M15A Datasheet HTML 1Page - PETERMANN-TECHNIK KX21M15A Datasheet HTML 2Page - PETERMANN-TECHNIK KX21M15A Datasheet HTML 3Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PETERMANN
TECHNIK
Time & Frequency Components
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
OUTLINE DRAWING OF HC-49/U
11.05max
10.5max
Unit:mm
H = 12.7
1
H = 20
2
{
H
4.88
2.44
00.43
OUTLINE DRAWING OF HC-49/T
4.88+0.2
11.5max
9.9+0.2
3.5+0.2
3-00.35+0.05
-
Unit:mm
-
-
-
MEASURING CIRCUIT
S.G.
Ro
Ct
Ct
RR
t- o
RR
t- o
Filter
L.M.
Ro
Ro:50 or 75
OUTLINE DRAWING OF KF-UM1
3.75+0.2
7.8+0.2
6.9+0.2
2.2+0.2
3-00.35+0.05
-
Unit:mm
--
-
-
OUTLINE DRAWING OF KF-UM5
3.75+0.2
7.8+0.2
6.9+0.2
2.2+0.2
3-00.35+0.05
-
Unit:mm
--
-
-
(R-50)
(50 )
(R-50)
(50 )
C1
C2
C1
L.M.
Red Black
Black
Indication of Pairing
S.G.


Similar Part No. - KX21M15A

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KX2000N KEXIN-KX2000N_15 Datasheet
410Kb / 1P
   NPN Transistors
KX2001P KEXIN-KX2001P_15 Datasheet
412Kb / 1P
   PNP Transistors
logo
Pericom Semiconductor C...
KX201 PERICOM-KX201 Datasheet
662Kb / 2P
   CMOS 32.768kHz
KX20110032.768000 PERICOM-KX20110032.768000 Datasheet
662Kb / 2P
   CMOS 32.768kHz
KX20111032.768000 PERICOM-KX20111032.768000 Datasheet
662Kb / 2P
   CMOS 32.768kHz
More results

Similar Description - KX21M15A

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com