Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M4318 Datasheet(PDF) 3 Page - PETERMANN-TECHNIK

Part # M4318
Description  HIGH RELIABILITY FOR LOW COST
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

M4318 Datasheet(HTML) 3 Page - PETERMANN-TECHNIK

  M4318 Datasheet HTML 1Page - PETERMANN-TECHNIK M4318 Datasheet HTML 2Page - PETERMANN-TECHNIK M4318 Datasheet HTML 3Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PETERMANN
TECHNIK
Time & Frequency Components
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
TEST CIRCUIT FOR HCMOS
TEST
POINT
+
-
mA
M
VM
POWER
SUPPLY
+
-
+
-
0,1µF
OSCILLATOR
OUT
GND
#1
#7
#8
#14
C =15pF
L
NOTE: CL includes probe and fixture capacitance
VCC
CONTROL VOLTAGE
TEST CIRCUIT FOR TTL
TEST
POINT
+
-
mA
M
VM
POWER
SUPPLY
+
-
+
-
0,1µF
OSCILLATOR
OUT
GND
#1
#7
#8
#14
1N4148
or Equiv
CONTROL VOLTAGE
NOTE: CL includes probe and fixture capacitance
VDD
R=390
L
C =15pF
L
TEST CIRCUIT FOR CLIPPED SINE WAVE
TEST
POINT
+
-
mA
M
VM
POWER
SUPPLY
+
-
+
-
0,1µF
OSCILLATOR
OUT
GND
#1
#7
#8
#14
C =10pF
L
N.C. or Control Voltage
NOTE: CL includes probe and fixture capacitance
VDD
10k
(HCMOS LOAD)
tr
tf
Th
T
VOL
DUTY=Th/T
VOH
90%VDD
50%VDD
10%VDD
(TTL LOAD)
tr
tf
Th
T
VOL
DUTY=Th/T
VOH
2.4V
1.4V
0.4V
0.0VDC
VP-P
0.7V min
CLIPPED SINE WAVE


Similar Part No. - M4318

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
M4311 PETERMANN-M4311 Datasheet
135Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M4317 PETERMANN-M4317 Datasheet
139Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M4319 PETERMANN-M4319 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
More results

Similar Description - M4318

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com