Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC89515K Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC89515K
Description  CD-ROM/CD-I Error Correction/ Host Interface LSI
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89515K Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC89515K Datasheet HTML 1Page - Sanyo Semicon Device LC89515K Datasheet HTML 2Page - Sanyo Semicon Device LC89515K Datasheet HTML 3Page - Sanyo Semicon Device LC89515K Datasheet HTML 4Page - Sanyo Semicon Device LC89515K Datasheet HTML 5Page - Sanyo Semicon Device LC89515K Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ordering number : EN4272C
O2095HA (OT)/12395TH (OT)/ 61394TH No. 4272-1/6
Overview
The LC89515K is a version of the LC8951 in which
certain aspects of the internal registers have been
improved to make them even easier to use in CD-ROM
and CD-I products. The basic blocks are identical to those
in the LC8951 and these products are software and pin
compatible. Thus this product can replace the LC8951
without change. (However, this product is provided in a
slightly different package: a short lead type QIP-80E as
opposed to the QIP-80A.)
The LC89515K is an error correction and host interface
LSI for use in CD-ROM and CD-I products. This product
integrate in a single chip all CD-ROM specific functions,
including the error correction that was previously
implemented in software on a microprocessor and the CD
player and host computer interfaces that were previously
implemented in discrete components or gate arrays. The
use of the LSI can provide significant improvements in
CD-ROM and CD-I players, including increased transfer
rates, miniaturization, increased reliability, an improved
cost performance ratio, and a more efficient development
period.
Features
• Software and pin compatibility with the LC8951
(Changes were made to internal registers, the SRAM
interface, and other aspects.)
• Support for CD-ROM (mode 1) and CD-I (mode 2,
forms 1 and 2)
• All CD-ROM/CD-I special functions implemented on a
single chip
• Hardware error detection and correction for high speed,
without relying on software
• Real-time error correction: Error correction and
detection are possible without interrupting the host
interface bus.
• Fast transfers: up to 2.3 MB/s (18.4 Mb/s)
• Support for low-speed hosts (multiple block buffering)
• Built-in host interface command FIFO (for easy SCSI
support)
• Built-in 12-byte status FIFO
• CMOS circuits, single 5 V power supply
Package Dimensions
unit: mm
3174-QFP80E
SANYO: QIP80E
[LC89515K]
LC89515K
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
CD-ROM/CD-I Error Correction/
Host Interface LSI
CMOS LSI


Similar Part No. - LC89515K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89510 SANYO-LC89510 Datasheet
292Kb / 6P
   CMOS LSI
LC895124 SANYO-LC895124 Datasheet
84Kb / 8P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125Q SANYO-LC895125Q Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125W SANYO-LC895125W Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
More results

Similar Description - LC89515K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89517K SANYO-LC89517K Datasheet
114Kb / 5P
   Built-in Subcode Interface CD-ROM/CD-I Error Correction LSI
LC895170W SANYO-LC895170W Datasheet
117Kb / 5P
   CD-ROM Error Correction LSI
LC89513K SANYO-LC89513K Datasheet
108Kb / 4P
   CD-ROM Error Correction LSI for Integrated Host CPU System
logo
NXP Semiconductors
SAA7382 PHILIPS-SAA7382 Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7385 PHILIPS-SAA7385 Datasheet
251Kb / 64P
   Error correction and host interface IC for CD-ROM SEQUOIA
1996 Jun 19
SAA7380 PHILIPS-SAA7380 Datasheet
227Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7388 PHILIPS-SAA7388 Datasheet
226Kb / 60P
   Error correction and host interface IC for CD-ROM ELM
1996 Apr 26
logo
Sanyo Semicon Device
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
LC8956 SANYO-LC8956 Datasheet
226Kb / 8P
   Error Correction and ADPCM Decoder IC for CD-1/CD-ROM XA Systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com